Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 241 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 241 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology MEC1322 Datasheet HTML 243Page - Microchip Technology MEC1322 Datasheet HTML 244Page - Microchip Technology MEC1322 Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 241
MEC1322
19.11.16 WEEK ALARM REGISTER
19.11.17 DAYLIGHT SAVINGS FORWARD REGISTER
This is a 32-bit register, accessible also as individual bytes. When writing as individual bytes, ensure that the DSE bit
(in Register B) is off first, or that the block is disabled or stopped (SET bit), to prevent a time update while this register
may have incompletely-updated contents.
When enabled by the DSE bit in Register B, this register defines an hour and day of the year at which the Hours register
will be automatically incremented by 1 additional hour.
There are no don’t-care fields recognized. All fields must be already initialized to valid settings whenever the DSE bit is
‘1’.
Fields other than Week and Day of Week use the current setting of the DM bit (binary vs. BCD) to interpret the informa-
tion as it is written to them. Their values, as held internally, are not changed by later changes to the DM bit, without
subsequently writing to this register as well.
Offset
14h
Bits
Description
Type
Default
Reset
Event
7:0 ALARM_DAY_OF_WEEK
This register, if written to a value in the range 1--7, will inhibit the
Alarm interrupt unless this field matches the contents of the Day of
Week Register also. If this field is written to any value 11xxxxxxb (like
the default FFh), it represents a don’t-care, allowing more frequent
alarms, and will read back as FFh until another value is written.
R/W
FFh
RTC_R
ST
Offset
18h
Bits
Description
Type
Default
Reset
Event
31 DST_FORWARD_AM_PM
This bit selects AM vs. PM, to match bit[7] of the Hours Register if 12-
Hour mode is selected in Register B at the time of writing.
R/W
0b
RTC_R
ST
30:24 DST_FORWARD_HOUR
This field holds the matching value for bits[6:0] of the Hours register.
The written value will be interpreted according to the 24/12 Hour
mode and DM mode settings at the time of writing.
R/W
00h
RTC_R
ST
23:19 Reserved
R
-
-
18:16 DST_FORWARD_WEEK
This value matches an internally-maintained week number within the
current month. Valid values for this field are:
5=Last week of month
4 =Fourth week of month
3=Third week of month
2=Second week of month
1=First week of month
R/W
0h
RTC_R
ST
15:11 Reserved
R
-
-
10:8 DST_FORWARD_DAY_OF_WEEK
This field matches the Day of Week Register bits[2:0].
R/W
0h
RTC_R
ST
7:0 DST_FORWARD_MONTH
This field matches the Month Register.
R/W
00h
RTC_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com