Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 239 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 239 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology MEC1322 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 239
MEC1322
19.11.13 REGISTER C
0 DAYLIGHT_SAVINGS_ENABLE
1=Enables automatic hardware updating of the hour, using the regis-
ters Daylight Savings Forward and Daylight Savings Backward to
select the yearly date and hour for each update
0=Automatic Daylight Savings updates disabled
R/W
0b
RTC_R
ST
Note:
The DATA_MODE and HOUR_FORMAT_24_12 bits affect only how values are presented as they are
being read and how they are interpreted as they are being written. They do not affect the internal contents
or interpretations of registers that have already been written, nor do they affect how those registers are
represented or counted internally. This mode bits may be set and cleared dynamically, for whatever I/O
data representation is desired by the host program.
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
7 INTERRUPT_REQUEST_FLAG
1=Any of bits[6:4] below is active after masking by their respective
Enable bits in Register B.
0=No bits in this register are active
This bit is automatically cleared by every Read access to this register.
RC
0b
RTC_R
ST
6 PERIODIC_INTERRUPT_FLAG
1=A Periodic Interrupt event has occurred since the last time this reg-
ister was read. This bit displays status regardless of the Periodic
Interrupt Enable bit in Register B
0=A Periodic Interrupt event has not occurred
This bit is automatically cleared by every Read access to this register.
RC
0b
RTC_R
ST
5 ALARM_FLAG
1=An Alarm event has occurred since the last time this register was
read. This bit displays status regardless of the Alarm Interrupt
Enable bit in Register B.
0=An Alarm event has not occurred
This bit is automatically cleared by every Read access to this register.
RC
0b
RTC_R
ST
Offset
0Bh
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com