Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 237 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 237 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 233Page - Microchip Technology MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 237
MEC1322
19.11.10 YEAR REGISTER
19.11.11 REGISTER A
Offset
09h
Bits
Description
Type
Default
Reset
Event
7:0 YEAR
Displays the number of the year in the current century, in the range 0
(year 2000) through 99 (year 2099). Presentation may be selected as
binary or BCD, depending on the DM bit in Register B. Values written
must also use the format defined by the current setting of the DM bit.
R/W
00h
RTC_R
ST
Offset
0Ah
Bits
Description
Type
Default
Reset
Event
7 UPDATE_IN_PROGRESS
‘0’ indicates that the Time and Date registers are stable and will not be
altered by hardware soon. ‘1’ indicates that a hardware update of the
Time and Date registers may be in progress, and those registers
should not be accessed by the host program. This bit is set to ‘1’ at a
point 488us (16 cycles of the 32K clock) before the update occurs, and
is cleared immediately after the update. See also the Update-Ended
Interrupt, which provides more useful status.
R0b
RTC_R
ST
6:4 DIVISION_CHAIN_SELECT
This field provides general control for the Time and Date register
updating logic.
11xb=Halt counting. The next time that 010b is written, updates will
begin 500ms later.
010b=Required setting for normal operation. It is also necessary to set
the Block Enable bit in the RTC Control Register to ‘1’ for counting
to begin
000b=Reserved. This field should be initialized to another value before
Enabling the block in the RTC Control Register
Other values Reserved
R/W
000b
RTC_R
ST
3:0 RATE_SELECT
This field selects the rate of the Periodic Interrupt source. See
Table 19-8
R/W
0h
RTC_R
ST
TABLE 19-8:
REGISTER A FIELD RS: PERIODIC INTERRUPT SETTINGS
RS (hex)
Interrupt Period
0
Never Triggered
1
3.90625 ms
2
7.8125 ms
3
122.070 us
4
244.141 us
5
488.281 us
6
976.5625 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com