Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 312 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 312 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology MEC1322 Datasheet HTML 310Page - Microchip Technology MEC1322 Datasheet HTML 311Page - Microchip Technology MEC1322 Datasheet HTML 312Page - Microchip Technology MEC1322 Datasheet HTML 313Page - Microchip Technology MEC1322 Datasheet HTML 314Page - Microchip Technology MEC1322 Datasheet HTML 315Page - Microchip Technology MEC1322 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 456 page
background image
MEC1322
DS00001719D-page 312
 2014 - 2015 Microchip Technology Inc.
The data may be configured to be transmitted MSB or LSB first. This is configured by the LSBF bit in the SPI Control
Register. The transmit data is shifted out on the edge as selected by the TCLKPH bit in the SPI Clock Control Register.
All received data can be sampled on a rising or falling SPI_CLK edge using the RCLKPH bit in the SPI Clock Control
Register This clock setting must be identical to the clocking requirements of the current SPI slave.
There are three types of transactions that can be implemented for transmitting and receiving the SPI data. They are Full
Duplex, Half Duplex, and Dual Mode. These modes are define in Section 27.10.3, "Types of SPI Transactions".
27.10.2
DMA MODE
Transmit and receive operations can use a DMA channel. Note that only one DMA channel may be enabled at a
time. Setting up the DMA Controller involves specifying the device (Flash GP-SPI), direction (transmit/receive), and
the start and end addresses of the DMA buffers in the closely couple memory. Please refer to the DMA Controller chap-
ter for register programming information.
SPI transmit / DMA write: the GP-SPI block’s transmit empty (TxBE) status signal is used as a write request to the DMA
controller, which then fetches a byte from the DMA transmit buffer and writes it to the GP-SPI’s SPI TX Data Register
(SPITD). As content of the latter is transferred to the internal Tx shift register from which data is shifted out onto the SPI
bus bit by bit, the Tx Empty signal is again asserted, triggering the DMA fetch-and-write cycle. The process continues
until the end of the DMA buffer is reached - the DMA controller stops responding to an active Tx Empty until the buffer’s
address registers are reprogrammed.
SPI receive / DMA read: the AUTO_READ bit in the SPI Control Register must be set. The driver first writes (dummy
data) to the SPI TX Data Register (SPITD) to initiate the toggling of the SPI clock, enabling data to be shifted in. After
one byte is received, the Rx Full (RxBF) status signal, used as a read request to the DMA controller, is asserted. The
FIGURE 27-3:
MULTI-BYTE SPI TX/RX TRANSACTIONS (FULL DUPLEX MODE)
Note:
Common peripheral devices require a chip select signal to be asserted during a transaction. Chip selects
for SPI devices may be controlled by MEC1322 GPIO pins.
SPI BYTE Transactions
Rx_DATA Buffer Full (RxBF)
TX_DATA Buffer Empty (TxBE)
Write TX_Data
MCLK
SPDOUT_Direction
TX_DATA
BYTE
0
BYTE 1
BYTE 2
Read RX_Data
RX_DATA
BYTE 0
BYTE 1
BYT
Data Out Shift Register
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Data In Shift Register
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
SPCLKO
7
6
5
4
3
2
7
6
5
4
3
2
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com