Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 309 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 309 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology MEC1322 Datasheet HTML 310Page - Microchip Technology MEC1322 Datasheet HTML 311Page - Microchip Technology MEC1322 Datasheet HTML 312Page - Microchip Technology MEC1322 Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 309
MEC1322
27.5
Signal Description
27.6
Host Interface
The registers defined for the General Purpose Serial Peripheral Interface are accessible by the various hosts as indi-
cated in Section 27.12, "EC-Only Registers".
27.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
27.7.1
POWER DOMAINS
27.7.2
CLOCK INPUTS
27.7.3
RESETS
TABLE 27-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
SPDIN
Input
Serial Data In pin
SPDOUT
Input/Output
Serial Data Output pin. Switches to input when used in double-data-
rate mode
SPI_CLK
Output
SPI Clock output used to drive the SPCLK pin.
SPI_CS#
Output
SPI chip select
Note:
The SPI block signals that are shown in Table 27-1 are routed to the SPI pins as listed in Table 27-2.
TABLE 27-2:
SIGNAL TO PIN NAME LOOKUP TABLE
Block Name
Pin Name
SPDIN
SHD_MISO, PVT_MISO
SPDOUT
SHD_MOSI, PVT_MOSI
SPI_CLK
SHD_SCLK, PVT_SCLK
SPI_CS#
SHD_CS0#, PVT_CS0#
TABLE 27-3:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
TABLE 27-4:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is a clock source for the SPI clock generator.
2MHz
This is a clock source for the SPI clock generator.
TABLE 27-5:
RESET SIGNALS
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com