Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 306 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 306 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology MEC1322 Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 456 page
background image
MEC1322
DS00001719D-page 306
 2014 - 2015 Microchip Technology Inc.
26.9.13
PWM DRIVER BASE FREQUENCY REGISTER
- The PWM Driver Base Register controls the base PWM frequency range.
26.9.14
FAN STATUS REGISTER
The bits in this register are routed to interrupts.
Offset
0Eh
Bits
Description
Type
Default
Reset
Event
15:3 TACH_READING[12:0]
The current tachometer reading value.
RES
1111111111
111b
VCC1_R
ESET
2:0 RESERVED
R/W
000b
-
Offset
10h
Bits
Description
Type
Default
Reset
Event
7:2 RESERVED
RES
000000b
-
1:0 PWM_BASE[1:0]
Determines the frequency range of the PWM fan driver (when
enabled) as shown in Table 26-18.
R/W
00b
VCC1_R
ESET
TABLE 26-18: PWM_BASE[1:0] DECODE
PWM_BASE[1:0]
PWM Frequency
10
0
0
26.83KHz
0
1
20.87kHz
1
0
4.82kHz
1
1
2.41KHz
Offset
11h
Bits
Description
Type
Default
Reset
Event
7:6 RESERVED
RES
00b
-
5 DRIVE_FAIL
The bit Indicates that the RPM-based Fan Speed Control Algorithm
cannot drive the Fan to the desired target setting at maximum drive.
• ‘0’ - The RPM-based Fan Speed Control Algorithm can drive
Fan to the desired target setting.
• ‘1’ - The RPM-based Fan Speed Control Algorithm cannot drive
Fan to the desired target setting at maximum drive.
R/WC
0b
VCC1_R
ESET
4:2 RESERVED
RES
000b
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com