Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 302 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 302 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 456 page
background image
MEC1322
DS00001719D-page 302
 2014 - 2015 Microchip Technology Inc.
26.9.6
FAN SPIN UP CONFIGURATION REGISTER
The Fan Spin Up Configuration Register controls the settings of Spin Up Routine.
TABLE 26-14: GAIN DECODE
GAIND or GAINP or GAINI [1:0]
Respective Gain Factor
10
00
1x
01
2x
1
0
4x (default)
11
8x
Offset
06h
Bits
Description
Type
Default
Reset
Event
7:6 DRIVE_FAIL_CNT[1:0]
Determines how many update cycles are used for the Drive Fail
detection function as shown in Table 26-15, "DRIVE_FAIL_CNT[1:0]
Bit Decode". This circuitry determines whether the fan can be driven
to the desired Tach target. These settings only apply if the Fan
Speed Control Algorithm is enabled.
R/W
00b
VCC1_R
ESET
5NOKICK
Determines if the Spin Up Routine will drive the fan to 100% duty
cycle for 1/4 of the programmed spin up time before driving it at the
programmed level.
• ‘0’ (default) - The Spin Up Routine will drive the PWM to 100%
for 1/4 of the programmed spin up time before reverting to the
programmed spin level.
• ‘1’ - The Spin Up Routine will not drive the PWM to 100%. It will
set the drive at the programmed spin level for the entire duration
of the programmed spin up time.
R/W
0b
VCC1_R
ESET
4:2 SPIN_LVL[2:0]
SPIN_LVL[2:0] - Determines the final drive level that is used by the
Spin Up Routine as shown in Table 26-16, "Spin Level".
R/W
110b
VCC1_R
ESET
1:0 SPINUP_TIME[1:0]
Determines the maximum Spin Time that the Spin Up Routine will
run for. If a valid tachometer measurement is not detected before the
Spin Time has elapsed, an interrupt will be generated. When the
RPM based Fan Control Algorithm is active, the fan driver will
attempt to re-start the fan immediately after the end of the last spin
up attempt.
The Spin Time is set as shown in Table 26-17, "Spin time".
R/W
01b
VCC1_R
ESET
TABLE 26-15: DRIVE_FAIL_CNT[1:0] BIT DECODE
DRIVE_FAIL_CNT[1:0]
Number of Update Periods
10
0
0
Disabled - the Drive Fail detection circuitry is disabled
0
1
16 - the Drive Fail detection circuitry will count for 16 update periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com