Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 299 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 299 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 299
MEC1322
26.9.4
FAN CONFIGURATION 2 REGISTER
The Fan Configuration 2 Register controls the tachometer measurement and advanced features of the RPM based Fan
Control Algorithm.
TABLE 26-9:
RANGE DECODE
Range [1:0]
Reported Minimum RPHM
TACH Count Multiplier
10
0
0
500
1
0
1
1000 (default)
2
1
0
2000
4
1
1
4000
8
TABLE 26-10: MINIMUM EDGES FOR FAN ROTATION
Edges 1:0]
Minimum TACH Edges
Number of Fan Poles
Effective TACH Multiplier (Based
on 2 Pole Fans)
If Edges Changed
10
00
3
1
0.5
0
1
5
2 (default)
1
10
7
3
1.5
11
9
4
2
TABLE 26-11: UPDATE TIME
Update [2:0]
TACH Count Multiplier (ms)
21
0
0
0
0
100
0
0
1
200
0
1
0
300
0
1
1
400 (default)
1
0
0
500
1
0
1
800
11
0
1200
11
1
1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com