Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 295 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 295 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 291Page - Microchip Technology MEC1322 Datasheet HTML 292Page - Microchip Technology MEC1322 Datasheet HTML 293Page - Microchip Technology MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 295
MEC1322
FIGURE 26-3:
SPIN UP ROUTINE
26.8.4
PWM DRIVER
The RPM-PWM Interface contains an optional, programmable 8-bit PWM driver which can serve as part of the RPM
based Fan Speed Control Algorithm or in Manual Mode.
When enabled, the PWM driver can operate in four programmable frequency bands. The lower frequency bands offer
frequencies in the range of 9.5Hz to 4.8kHz while the higher frequency options offer frequencies of 21Hz or 25.2kHz.
26.8.5
ALERTS AND LIMITS
Figure 26-4, "Interrupt Flow" shows the interactions of the interrupts for fan events.
If the Fan Driver detects a drive fail, spin-up or stall event, the interrupt signal will be asserted (if enabled).
All of these interrupts can be masked from asserting the interrupt signal individually. If any bit of either Status register is
set, the interrupt signal will be asserted provided that the corresponding interrupt enable bit is set accordingly.
The Status register will be updated due to an active event, regardless of the setting of the individual enable bits. Once
a status bit has been set, it will remain set until the Status register bit is written to 1 (and the error condition has been
removed).
If the interrupt signal is asserted, it will be cleared immediately if either the status or enable bit is cleared.
See Section 26.6, "Interrupts," on page 291.
100%
(optional)
Prev Target
Count = FFh
Update Time
Spin Up Time
¼ of Spin Up Time
Target Count
Changed
Check TACH
Target Count
Reached
30% through 65%
Fan Step
Algorithm controlled drive
New Target Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com