Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 296 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 296 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 292Page - Microchip Technology MEC1322 Datasheet HTML 293Page - Microchip Technology MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 456 page
background image
MEC1322
DS00001719D-page 296
 2014 - 2015 Microchip Technology Inc.
FIGURE 26-4:
INTERRUPT FLOW
26.9
Fan Control Register Bank
The registers listed in the Table 26-8, "Fan Control Register Summary" are for a single instance of the RPM-PWM Inter-
face block. The addresses of each register listed in this table are defined as a relative offset to the host “Base Address”
defined in Table 26-7, "Fan Control Register Bank Base Address Table".
Note 26-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 26-7:
FAN CONTROL REGISTER BANK BASE ADDRESS TABLE
Instance Name
Instance
Number
Host
Address Space
Base Address (
Note 26-1)
RPM-PWM Inter-
face
0
EC
32-bit internal
address space
4000_A000h
TABLE 26-8:
FAN CONTROL REGISTER SUMMARY
Register Name
Offset
Fan Setting
00h
PWM Divide
01h
Fan Configuration 1
02h
Fan Configuration 2
03h
MCHP Reserved
04h
Gain
05h
Fan Spin Up Configuration
06h
Fan Step
07h
Fan Minimum Drive
08h
Valid Tach Count
09h
Fan Drive Fail Band Low Byte
0Ah
Fan Drive Fail Band High Byte
0Bh
Tach Target Low Byte
0Ch
Tach Target High Byte
0Dh
Tach Reading Low Byte
0Eh
Interrupt
Status Bit 1
Interrupt
Enable Bit 1
Interrupt
Status Bit n
Interrupt
Enable Bit n
.
.
.
.
.
.
.
.
.
Interrupt Signal
...
Interrupt Event 1
Interrupt Event n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com