Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 297 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 297 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 293Page - Microchip Technology MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 297
MEC1322
26.9.1
FAN SETTING REGISTER
The Fan Setting Registers are used to control the output of the Fan Driver. The driver setting operates independently
of the Polarity bit for the PWM output. That is, a setting of 00h will mean that the fan drive is at minimum drive while a
value of FFh will mean that the fan drive is at maximum drive.
If the Spin Up Routine is invoked, reading from the registers will return the current fan drive setting that is being used
by the Spin Up Routine instead of what was previously written into these registers.
The Fan Driver Setting Registers, when the RPM based Fan Control Algorithm is enabled, are read only. Writing to the
register will have no effect and the data will not be stored. Reading from the register will always return the current fan
drive setting.
If the INT_PWRGD pin is de-asserted, the Fan Driver Setting Register will be made read only. Writing to the register will
have no effect and reading from the register will return 000h.
When the RPM based Fan Control Algorithm is disabled, the current fan drive setting that was last used by the algorithm
is retained and will be used.
If the Fan Driver Setting Register is set to a value of 00h, all tachometer related status bits will be masked until the setting
is changed. Likewise, the FAN_SHORT bit will be cleared and masked until the setting is changed.
The contents of the register represent the weighting of each bit in determining the final duty cycle. The output drive for
a PWM output is given by the following equation:
- Drive = (FAN_SETTING VALUE/255) x 100%.
26.9.2
PWM DIVIDE REGISTER
The PWM Divide Register determines the final PWM frequency. The base frequency set by the PWM_BASE[1:0] bits is
divided by the decimal equivalent of the register settings.
The final PWM frequency is derived as the base frequency divided by the value of this register as shown in the equation
below:
- PWM_Frequency = base_clk / PWM_D
Where:
- base_clk = The base frequency set by the PWMx_CFG[1:0] bits
- PWM_D = the divide setting set by the PWM Divide Register.
Tach Reading High Byte
0Fh
PWM Driver Base Frequency
10h
Fan Status
11h
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 FAN_SETTING[7:0]
The Fan Driver Setting used to control the output of the Fan Driver.
R/W
00h
VCC1_R
ESET
Offset
01h
Bits
Description
Type
Default
Reset
Event
7:0 PWM_DIVIDE[7:0]
The PWM Divide value determines the final frequency of the PWM
driver. The driver base frequency is divided by the PWM Divide
value to determine the final frequency.
R/W
01h
VCC1_R
ESET
TABLE 26-8:
FAN CONTROL REGISTER SUMMARY (CONTINUED)
Register Name
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com