Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 298 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 298 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 456 page
background image
MEC1322
DS00001719D-page 298
 2014 - 2015 Microchip Technology Inc.
26.9.3
FAN CONFIGURATION 1 REGISTER
The Fan Configuration Register 1 controls the general operation of the RPM based Fan Control Algorithm used by the
fan driver.
Offset
02h
Bits
Description
Type
Default
Reset
Event
7EN_ALGO
Enables the RPM based Fan Control Algorithm.
• ‘0’ - (default) the control circuitry is disabled and the fan driver
output is determined by the Fan Driver Setting Register.
• ‘1’ - the control circuitry is enabled and the Fan Driver output will
be automatically updated to maintain the programmed fan
speed as indicated by the TACH Target Register.
R/W
0b
VCC1_R
ESET
6:5 RANGE[1:0]
Adjusts the range of reported and programmed tachometer reading
values. The RANGE bits determine the weighting of all TACH values
(including the Valid TACH Count, TACH Target, and TACH reading)
as shown in Table 26-9, "Range Decode".
R/W
01b
VCC1_R
ESET
4:3 EDGES[1:0]
Determines the minimum number of edges that must be detected on
the TACH signal to determine a single rotation. A typical fan mea-
sured 5 edges (for a 2-pole fan).
Increasing the number of edges measured with respect to the num-
ber of poles of the fan will cause the TACH Reading registers to indi-
cate a fan speed that is higher or lower than the actual speed. In
order for the FSC Algorithm to operate correctly, the TACH Target
must be updated by the user to accommodate this shift. The Effec-
tive Tach Multiplier shown in Table 26-10, "Minimum Edges for Fan
Rotation" is used as a direct multiplier term that is applied to the
Actual RPM to achieve the Reported RPM. It should only be applied
if the number of edges measured does not match the number of
edges expected based on the number of poles of the fan (which is
fixed for any given fan).
Contact Microchip for recommended settings when using fans with
more or less than 2 poles.
R/W
01b
VCC1_R
ESET
2:0 UPDATE[2:0]
Determines the base time between fan driver updates. The Update
Time, along with the Fan Step Register, is used to control the ramp
rate of the drive response to provide a cleaner transition of the actual
fan operation as the desired fan speed changes. The Update Time is
set as shown in Table 26-11, "Update Time".
APPLICATION NOTE:
This ramp rate control applies for all
changes to the active PWM output
including when the RPM based Fan Speed
Control Algorithm is disabled.
R/W
011b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com