Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 300 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 300 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 456 page
background image
MEC1322
DS00001719D-page 300
 2014 - 2015 Microchip Technology Inc.
Offset
03h
Bits
Description
Type
Default
Reset
Event
7 MCHP Reserved
R/W
0b
VCC1_R
ESET
6 EN_RRC
Enables the ramp rate control circuitry during the Manual Mode of
operation.
• ‘0’ (default) - The ramp rate control circuitry for the Manual
Mode of operation is disabled. When the Fan Drive Setting val-
ues are changed and the RPM based Fan Control Algorithm is
disabled, the fan driver will be set to the new setting immedi-
ately.
• ‘1’ - The ramp rate control circuitry for the Manual Mode of oper-
ation is enabled. The PWM setting will follow the ramp rate con-
trols as determined by the Fan Step and Update Time settings.
The maximum PWM step is capped at the Fan Step setting and
is updated based on the Update Time as given by Table 26-11,
"Update Time".
R/W
0b
VCC1_R
ESET
5DIS_GLITCH
Disables the low pass glitch filter that removes high frequency noise
injected on the TACH pin.
• ‘0’ (default) - The glitch filter is enabled.
• ‘1’ - The glitch filter is disabled.
R/W
0b
VCC1_R
ESET
4:3 DER_OPT[1:0]
Control some of the advanced options that affect the derivative por-
tion of the RPM based fan control algorithm as shown in Table 26-
12, "Derivative Options". These bits only apply if the Fan Speed
Control Algorithm is used.
R/W
11b
VCC1_R
ESET
2:1 ERR_RNG[1:0]
Control some of the advanced options that affect the error window.
When the measured fan speed is within the programmed error win-
dow around the target speed, the fan drive setting is not updated.
These bits only apply if the Fan Speed Control Algorithm is used.
See Table 26-13, "Error Range Options".
R/W
01b
VCC1_R
ESET
0POLARITY
Determines the polarity of the PWM driver. This does NOT affect the
drive setting registers. A setting of 0% drive will still correspond to
0% drive independent of the polarity.
• ‘0’ (default) - the Polarity of the PWM driver is normal. A drive
setting of 00h will cause the output to be set at 0% duty cycle
and a drive setting of FFh will cause the output to be set at
100% duty cycle.
• ‘1’ - The Polarity of the PWM driver is inverted. A drive setting of
00h will cause the output to be set at 100% duty cycle and a
drive setting of FFh will cause the output to be set at 0% duty
cycle.
R/W
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com