Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 301 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 301 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 297Page - Microchip Technology MEC1322 Datasheet HTML 298Page - Microchip Technology MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 301
MEC1322
26.9.5
GAIN REGISTER
The Gain Register The Gain Register stores the gain terms used by the proportional and integral portions of the RPM
based Fan Control Algorithm. These terms will affect the FSC closed loop acquisition, overshoot, and settling as would
be expected in a classic PID system.
This register only applies if the Fan Speed Control Algorithm is used.
TABLE 26-12: DERIVATIVE OPTIONS
DER_OPT[1:0]
Operation
NOTE
(see
Section 26.9.7, "Fan Step
Register")
10
0
0
No derivative options used
PWM steps are limited to the maxi-
mum PWM drive step value in Fan
Step Register
0
1
Basic derivative. The derivative of the
error from the current drive setting and
the target is added to the iterative PWM
drive setting (in addition to proportional
and integral terms)
PWM steps are limited to the maxi-
mum PWM drive step value in Fan
Step Register
1
0
Step derivative. The derivative of the
error from the current drive setting and
the target is added to the iterative PWM
drive setting and is not capped by the
maximum PWM drive step. This allows
for very fast response times
PWM steps are not limited to the max-
imum PWM drive step value in Fan
Step Register (i.e., maximum fan step
setting is ignored)
1
1
Both the basic derivative and the step
derivative are used effectively causing
the derivative term to have double the
effect of the derivative term (default).
PWM steps are not limited to the max-
imum PWM drive step value in Fan
Step Register (i.e., maximum fan step
setting is ignored)
TABLE 26-13: ERROR RANGE OPTIONS
ERR_RNGX[1:0]
Operation
10
00
0 RPM
0
1
50 RPM (default)
1
0
100 RPM
1
1
200 RPM
Offset
05h
Bits
Description
Type
Default
Reset
Event
7:6 RESERVED
R/W
00h
-
5:4 GAIND[1:0]
The derivative gain term. See Table 26-14, "Gain Decode".
R/W
10h
VCC1_R
ESET
3:2 GAINI[1:0]
The integral gain term. See Table 26-14, "Gain Decode".
R/W
10h
VCC1_R
ESET
1:0 GAINP[1:0]
The proportional gain term. See Table 26-14, "Gain Decode".
R/W
10h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com