Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 305 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 305 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 305
MEC1322
26.9.11
TACH TARGET REGISTER
The TACH Target Registers hold the target tachometer value that is maintained for the RPM based Fan Control Algo-
rithm.
If the algorithm is enabled, setting the TACH Target Register High Byte to FFh will disable the fan driver (or set the PWM
duty cycle to 0%). Setting the TACH Target to any other value (from a setting of FFh) will cause the algorithm to invoke
the Spin Up Routine after which it will function normally.
These registers only apply if the Fan Speed Control Algorithm is used.
26.9.12
TACH READING REGISTER
The TACH Reading Registers’ contents describe the current tachometer reading for the fan. By default, the data rep-
resents the fan speed as the number of 32.768kHz clock periods that occur for a single revolution of the fan.
The Equation below shows the detailed conversion from tachometer measurement (COUNT) to RPM.
where:
- Poles = number of poles of the fan (typically 2)
-fTACH = the frequency of the tachometer measurement clock
- n = number of edges measured (typically 5 for a 2 pole fan)
- m = the multiplier defined by the RANGE bits
- COUNT = TACH Reading Register value (in decimal)
The following equation shows the simplified translation of the TACH Reading Register count to RPM assuming a 2-pole
fan, measuring 5 edges, with a frequency of 32.768kHz.
Offset
0Ah
Bits
Description
Type
Default
Reset
Event
15:3 FAN_DRIVE_FAIL_BAND[12:0]
The number of Tach counts used by the Fan Drive Fail detection cir-
cuitry
RES
000000000
0000b
VCC1_R
ESET
2:0 RESERVED
R/W
000b
-
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
15:3 TACH_TARGET[12:0]
The target tachometer value.
RES
1111111111
111b
VCC1_R
ESET
2:0 RESERVED
R/W
000b
-
RPM
1
Poles
--------------
n 1
–
()
COUNT
1
m
----
×
--------------------------------
×
fTACH
×
60
×
=
RPM
3932160 m
×
COUNT
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com