Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 308 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 308 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology MEC1322 Datasheet HTML 310Page - Microchip Technology MEC1322 Datasheet HTML 311Page - Microchip Technology MEC1322 Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 456 page
background image
MEC1322
DS00001719D-page 308
 2014 - 2015 Microchip Technology Inc.
27.0 GENERAL PURPOSE SERIAL PERIPHERAL INTERFACE
27.1
Overview
The General Purpose Serial Peripheral Interface (GP-SPI) may be used to communicate with various peripheral
devices, e.g., EEPROMS, DACs, ADCs, that use a standard Serial Peripheral Interface.
Characteristics of the GP-SPI Controller include:
• 8-bit serial data transmitted and received simultaneously over two data pins in Full Duplex mode with options to
transmit and receive data serially on one data pin in Half Duplex (Bidirectional) mode.
• An internal programmable clock generator and clock polarity and phase controls allowing communication with var-
ious SPI peripherals with specific clocking requirements.
• SPI cycle completion that can be determined by status polling or interrupts.
• The ability to read data in on both SPDIN and SPDOUT in parallel. This allows this SPI Interface to support dual
data rate read accesses for emerging double rate SPI flashes
• Support of back-to-back reads and writes without clock stretching, provided the host can read and write the data
registers within one byte transaction time.
27.2
References
No references have been cited for this feature.
27.3
Terminology
No terminology for this block.
27.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
FIGURE 27-1:
I/O DIAGRAM OF BLOCK
General Purpose Serial
Peripheral Interface
Interrupts
Power, Clocks and Reset
Host Interface
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com