Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 303 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 303 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 299Page - Microchip Technology MEC1322 Datasheet HTML 300Page - Microchip Technology MEC1322 Datasheet HTML 301Page - Microchip Technology MEC1322 Datasheet HTML 302Page - Microchip Technology MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 303
MEC1322
26.9.7
FAN STEP REGISTER
The Fan Step Register, along with the Update Time, controls the ramp rate of the fan driver response calculated by the
RPM based Fan Control Algorithm for the Derivative Options field values of “00” and “01” in the Fan Configuration 2
Register (see Table 26-12, “Derivative Options,” on page 301).
The value of the register represents the maximum step size the fan driver will take for each update (see Section 26.9.3,
"Fan Configuration 1 Register," on page 298).
When the maximum step size limitation is applied, if the necessary fan driver delta is larger than the Fan Step, it will be
capped at the Fan Step setting and updated every Update Time ms.
The maximum step size is ignored for the Derivative Options field values of “10” and “11”.
1
0
32 - the Drive Fail detection circuitry will count for 32 update periods
1
1
64 - the Drive Fail detection circuitry will count for 64 update periods
TABLE 26-16: SPIN LEVEL
SPIN_LVL[2:0]
Spin Up Drive Level
21
0
0
0
0
30%
0
0
1
35%
0
1
0
40%
0
1
1
45%
1
0
0
50%
1
0
1
55%
1
1
0
60% (default)
1
1
1
65%
TABLE 26-17: SPIN TIME
SPINUP_TIME[1:0]
Total Spin Up Time
10
0
0
250 ms
0
1
500 ms (default)
10
1 sec
11
2 sec
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:6 RESERVED
R/W
00h
-
5:0 FAN_STEP[5:0]
The Fan Step value represents the maximum step size the fan driver
will take between update times
R/W
10h
VCC1_R
ESET
TABLE 26-15: DRIVE_FAIL_CNT[1:0] BIT DECODE (CONTINUED)
DRIVE_FAIL_CNT[1:0]
Number of Update Periods
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com