Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 145Page - National Semiconductor (TI) CS5530 Datasheet HTML 146Page - National Semiconductor (TI) CS5530 Datasheet HTML 147Page - National Semiconductor (TI) CS5530 Datasheet HTML 148Page - National Semiconductor (TI) CS5530 Datasheet HTML 149Page - National Semiconductor (TI) CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 241 page
background image
Revision 4.1
149
www.national.com
Register Descriptions (Continued)
4.3
CHIPSET REGISTER SPACE
The Chipset Register Space of the CS5530 is comprised
of five separate functions (Function 0 through 4, F0-F4),
each with its own register space and PCI header regis-
ters. F1-F4 have memory or I/O mapped registers from a
Base Address Register (BAR). The PCI header registers
in all functions are very similar.
F0: Bridge Configuration Register Space
F1: SMI Status and ACPI Timer Register Space
F2: IDE Controller Register Space
F3: XpressAUDIO Subsystem Register Space
F4: Video Controller Register Space
4.3.1
Bridge Configuration Registers - Function 0
The register space designated as Function 0 (F0) con-
tains registers used to configure features (e.g., power
management) and functionality unique to the CS5530. All
registers in Function 0 are directly accessed (i.e., there
are no memory or I/O mapped registers in F0). Table 4-14
gives the bit formats for these registers.
Note:
The registers at F0 Index 50h-FFh can also be
accessed at F1BAR+Memory Offset 50h-FFh.
However, thepreferred methodistoprogram
these registers through the F0 register space.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
15:0
Vendor Identification Register (Read Only)
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0100h
15:0
Device Identification Register (Read Only)
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): This function is not supported when the CS5530 is a master. It is always dis-
abled (always reads 0).
8
SERR#: Allow SERR# assertion on detection of special errors: 0 = Disable (Default);1 =Enable.
7
Wait Cycle Control (Read Only): This function is not supported in the CS5530. It is always disabled
(always reads 0).
6
Parity Error: Allow the CS5530 to check for parity errors on PCI cycles for which it is a target, and to assert PERR# when
a parity error is detected: 0 = Disable (Default); 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): This function is not supported in the CS5530. It is always disabled (always
reads 0).
4
Memory Write and Invalidate: Allow the CS5530 to do memory write and invalidate cycles, if the PCI Cache Line Regis-
ter (F0 Index 0Ch) is set to 16 bytes (04h). 0 = Disable (Default); 1 = Enable.
3
Special Cycles: Allow the CS5530 to respond to special cycles: 0 = Disable; 1 = Enable (Default).
This bit must be enabled to allow the CPU Warm Reset internal signal to be triggered from a CPU Shutdown cycle.
2
Bus Master: Allow the CS5530 bus mastering capabilities: 0 = Disable; 1 = Enable (Default).
This bit must be set to 1.
1
Memory Space: Allow the CS5530 to respond to memory cycles from the PCI bus:
0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530 to respond to I/O cycles from the PCI bus: 0 = Disable; 1 = Enable (Default).
Index 06h-07h
PCI Status Register (R/W)
Reset Value = 0280h
15
Detected Parity Error: This bit is set whenever a parity error is detected.
Write 1 to clear.
14
Signaled System Error: This bit is set whenever the CS5530 asserts SERR# active.
Write 1 to clear.
13
Received Master Abort: This bit is set whenever a master abort cycle occurs while the CS5530 is the master. A master
abort will occur when a PCI cycle is not claimed, except for special cycles.
Write 1 to clear.
12
Received Target Abort: This bit is set whenever a target abort is received while the CS5530 is the master for the PCI
cycle.
Write 1 to clear.
11
Signaled Target Abort: This bit is set whenever the CS5530 signals a target abort. This occurs when an address parity
error occurs for an address that hits in the active address decode space of the CS5530.
Write 1 to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com