Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 149Page - National Semiconductor (TI) CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) CS5530 Datasheet HTML 156Page - National Semiconductor (TI) CS5530 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 241 page
background image
Revision 4.1
153
www.national.com
Register Descriptions (Continued)
Index 45h-4Fh
Reserved
Index 50h
PIT Control/ISA CLK Divider (R/W)
Reset Value = 7Bh
7
PIT Software Reset: 0 = Disable; 1 = Enable.
6
PIT Counter 1: 0 = Forces Counter 1 output (OUT1) to zero; 1 = Allows Counter 1 output (OUT1) to pass to I/O
Port 061h[4].
5
PIT Counter 1 Enable: 0 = Sets GATE1 input low; 1 = Sets GATE1 input high.
4
PIT Counter 0: 0 = Forces Counter 0 output (OUT0) to zero; 1 = Allows Counter 0 output (OUT0) to pass to IRQ0.
3
PIT Counter 0 Enable: 0 = Sets GATE0 input low; 1 = Sets GATE0 input high.
2:0
ISA Clock Divisor: Determines the divisor of the PCI clock used to make the ISA clock, which is typically
programmed for approximately 8 MHz:
000 = Divide by one
100 = Divide by five
001 = Divide by two
101 = Divide by six
010 = Divide by three
110 = Divide by seven
011 = Divide by four
111 = Divide by eight
If PCI clock = 25 MHz, use setting of 010 (divide by 3). If PCI clock = 30 or 33 MHz, use a setting of 011 (divide by 4).
Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value = 40h
7:4
8-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock
0100 = 5 PCI clocks
1000 = 9 PCI clocks
1100 = 13 PCI clocks
0001 = 2 PCI clocks
0101 = 6 PCI clocks
1001 = 10 PCI clocks
1101 = 14 PCI clocks
0010 = 3 PCI clocks
0110 = 7 PCI clocks
1010 = 11 PCI clocks
1110 = 15 PCI clocks
0011 = 4 PCI clocks
0111 = 8 PCI clocks
1011 = 12 PCI clocks
1111 = 16 PCI clocks
3:0
16-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock
0100 = 5 PCI clocks
1000 = 9 PCI clocks
1100 = 13 PCI clocks
0001 = 2 PCI clocks
0101 = 6 PCI clocks
1001 = 10 PCI clocks
1101 = 14 PCI clocks
0010 = 3 PCI clocks
0110 = 7 PCI clocks
1010 = 11 PCI clocks
1110 = 15 PCI clocks
0011 = 4 PCI clocks
0111 = 8 PCI clocks
1011 = 12 PCI clocks
1111 = 16 PCI clocks
Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
7
Snoop Fast Keyboard Gate A20 and Fast Reset: Enables the snoop logic associated with keyboard commands for
A20 Mask and Reset: 0 = Disable; 1 = Enable (snooping).
If disabled, the keyboard controller handles the commands.
6
Game Port GPORT_CS# on Writes: Allow GPORT_CS# to be asserted for writes to the game port (I/O Port 200h and
201h): 0 = Disable; 1 = Enable.
5
Game Port GPORT_CS# on Reads: Allow GPORT_CS# to be asserted for reads to the game port (I/O Port 200h and
201h): 0 = Disable; 1 = Enable.
4
Enable A20M# Deassertion on Warm Reset: Force A20M# high during a Warm Reset (guarantees that A20M# is deas-
serted regardless of the state of A20): 0 = Disable; 1 = Enable.
3
Enable I/O Port 092h Decode (Port A): I/O Port 092h decode and the logical functions: 0 = Disable; 1 = Enable.
2
Upper ROM Address Range: KBROMCS# is asserted for ISA memory read accesses:
0 = FFFC0000h-FFFFFFFFh (256 KB, Default); 1 = FF000000h-FFFFFFFFh (16 MB)
Note: PCI Positive decoding for the ROM space is enabled at F0 Index 5Bh[5]).
1
ROM Write Enable: Assert KBROMCS# during writes to configured ROM space (configured in bits 2 and 0),
allowing Flash programming: 0 = Disable; 1 = Enable.
0
Lower ROM Address Range: KBROMCS# is asserted for ISA memory read accesses:
0 = 000F0000h-000FFFFFh (64 KB, Default); 1 = 000E0000h-000FFFFFh (128 KB).
Note: PCI Positive decoding for the ROM space is enabled at F0 Index 5Bh[5]).
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com