Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) CS5530 Datasheet HTML 156Page - National Semiconductor (TI) CS5530 Datasheet HTML 157Page - National Semiconductor (TI) CS5530 Datasheet HTML 158Page - National Semiconductor (TI) CS5530 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 241 page
background image
Revision 4.1
155
www.national.com
Register Descriptions (Continued)
Index 5Bh
Decode Control Register 2 (R/W)
Reset Value = 20h
7
Keyboard I/O Port 062h/066h Decode: This alternate port to the keyboard controller is provided in support of the
8051SL notebook keyboard controller mailbox: 0 = Disable; 1 = Enable.
6
Reserved: Set to 0.
5
BIOS ROM Positive Decode: Selects PCI positive or subtractive decoding for accesses to the configured ROM space:
0 = Subtractive; 1 = Positive.
ROM configuration is at F0 Index 52h[2:0].
4
Secondary IDE Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 170h-
177h and 376h-377h (excluding writes to 377h): 0 = Subtractive; 1 = Positive.
Note: Subtractive Decode mode disables this IDE controller entirely and routes any register references to the ISA Bus.
3
Primary IDE Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 1F0h-
1F7h and 3F6h-3F7h (excluding writes to 3F7h): 0 = Subtractive; 1 = Positive.
Note: Subtractive Decode mode disables this IDE controller entirely and routes any register references to the ISA Bus.
2
LPT3 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3BCh-3BEh and 7BCh-
7BEh: 0 = Subtractive; 1 = Positive.
1
LPT2 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 278h-27Fh and
678h-67Ah: 0 = Subtractive; 1 = Positive.
0
LPT1 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 378h-37Fh and
778h-77Ah: 0 = Subtractive; 1 = Positive.
Note: Positive decoding by the CS5530 speeds up the I/O cycle time. The keyboard, LPT3, LPT2, and LPT1 I/O Ports do not exist in
the CS5530. It is assumed that if positive decode is enabled, the port exists on the ISA bus.
Index 5Ch
PCI Interrupt Steering Register 1 (R/W)
Reset Value = 00h
7:4
INTB# Target Interrupt: Selects target interrupt for INTB#:
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTA# Target Interrupt: Selects target interrupt for INTA#:
0000 = Disable
0100 = IRQ4
1000 = RSVD
‘
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI
interrupt compatibility.
Index 5Dh
PCI Interrupt Steering Register 2 (R/W)
Reset Value = 00h
7:4
INTD# Target Interrupt: Selects target interrupt for INTD#:
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTC# Target Interrupt: Selects target interrupt for INTC#:
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI
interrupt compatibility.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com