Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) CS5530 Datasheet HTML 156Page - National Semiconductor (TI) CS5530 Datasheet HTML 157Page - National Semiconductor (TI) CS5530 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 241 page
background image
www.national.com
154
Revision 4.1
Register Descriptions (Continued)
Index 53h
Alternate CPU Support Register (R/W)
Reset Value = 00h
7
Reserved: Set to 0.
6
Game Port Write Blocks ISA: Block ISA cycle on game port (I/O Port 200h and 201h) write:
0 = Disable; 1 = Enable.
5
Bidirectional SMI Enable: 0 = Disable; 1 = Enable.
This bit must be set to 0.
4
Game Port Read Block ISA: Block ISA cycle on game port (I/O Port 200h and 201h) read: 0 = Disable; 1 = Enable.
3
Game Port Write SMI: Allow SMI generation on writes to game port (I/O Port 200h and 201h):
0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 84h/F4h[4].
For “Game Port Read SMI”, see F0 Index 83h[4].
2
RTC Enable/RTC Pin Configuration: 0 = SMEMW# (Pin AF3) and SMEMR# (Pin AD4), RTC decode disabled;
1 = RTCCS# (Pin AF3) and RTCALE (Pin AD4), RTC decode enabled.
Note: The RTC Index Shadow Register (F0 Index BBh) is independent of the setting of this bit.
1
Reserved: Set to 1.
0
Generate SMI on A20M# toggle: 0 = Disable; 1 = Enable. This bit must be set to 1.
SMI status is reported in F1BAR+Memory Offset 00h/02h[7] (only).
Index 54h-59h
Reserved
Index 5Ah
Decode Control Register 1 (R/W)
Reset Value = 03h
7
Secondary Floppy Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
372h-375h and 377h: 0 = Subtractive; 1 = Positive.
6
Primary Floppy Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3F2h-3F5h and
3F7h: 0 = Subtractive; 1 = Positive.
5
COM4 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 2E8h-2EFh:
0 = Subtractive; 1 = Positive.
4
COM3 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3E8h-3EFh:
0 = Subtractive; 1 = Positive.
3
COM2 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 2F8h-2FFh:
0 = Subtractive; 1 = Positive.
2
COM1 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3F8h-3FFh:
0 = Subtractive; 1 = Positive.
1
Keyboard Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
060h and 064h (and 062h/066h if enabled): 0 = Subtractive; 1 = Positive.
0
Real Time Clock Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
070h and 071h: 0 = Subtractive; 1 = Positive.
Note: Positive decoding by the CS5530 speeds up the I/O cycle time. These I/O Ports do not exist in the CS5530. It is assumed that
if positive decode is enabled, the port exists on the ISA bus.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com