Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 147Page - National Semiconductor (TI) CS5530 Datasheet HTML 148Page - National Semiconductor (TI) CS5530 Datasheet HTML 149Page - National Semiconductor (TI) CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 241 page
background image
Revision 4.1
151
www.national.com
Register Descriptions (Continued)
Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
7
Burst to Beat: Bursts are converted to single beats for X-Bus to PCI bus reads: 0 = Disable; 1 = Enable.
6
IDE Configuration Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs to one of the configuration registers in the F2 Register Space, an SMI is
generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
5
PERR# Signals SERR#: Assert SERR# any time that PERR# is asserted or detected active by the CS5530 (allows
PERR# assertion to be cascaded to NMI (SMI) generation in the system): 0 = Disable; 1 = Enable.
4
Write Buffer Enable: Allow 16-byte buffering for X-Bus to PCI bus writes: 0 = Disable; 1 = Enable.
3
Power Management Configuration Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs to one of the configuration registers in the F1 Register Space, an SMI is
generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
2:1
Subtractive Decode: These bits determine the point at which the CS5530 accepts cycles that are not claimed by another
device. The CS5530 defaults to taking subtractive decode cycles in the default cycle clock, but can be moved up to the
Slow Decode cycle point if all other PCI devices decode in the fast or medium clocks. Disabling subtractive decode must
be done with care, as all ISA and ROM cycles are decoded subtractively.
00 = Default sample (4th clock from FRAME# active)
01 = Slow sample (3rd clock from FRAME# active)
1x = No subtractive decode
0
Legacy Configuration SMI: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs to one of the configuration registers in the ISA Legacy I/O Register Space, an
SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
Index 42h
PCI Function Control Register 3 (R/W)
Reset Value = 0Fh
7
USB SMI I/O Configuration: Route USB-generated SMI to SMI# pin: 0 = Disable;
1 = Enable, USB-generated SMI pulls SMI# pin active (low).
6
USB SMI Power Mgmnt Configuration: Route USB-generated SMI to Top Level SMI Status Register, F1BAR+Memory
Offset 00h/02h[14]: 0 = Disable; 1 = Enable.
5
Delayed Transactions: Allow delayed transactions on the PCI bus: 0 = Disable; 1 = Enable.
Also see F0 Index 43h[1].
4
DMA Priority: Allow USB DMA to have priority over other DMA requests: 0 = Disable; 1 = Enable.
3
No X-Bus ARB, Buffer Enable: When the CS5530 is a PCI target, allow buffer PCI transactions without X-Bus
arbitration: 0 = Disable; 1 = Enable.
2
HOLD_REQ# (Pin H26): HOLD_REQ# signal (pin H26): 0 = Disable; 1 = Enable.
Note: Although the HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e.,
enabled, set to 1) for non-preemptive arbitration to operate correctly.
1
Video Configuration Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs to one of the configuration registers in the F4 Register Space, an SMI is
generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
0
Audio Configuration SMI: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs to one of the configuration registers in the F3 Register Space, an SMI is
generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com