Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 146Page - National Semiconductor (TI) CS5530 Datasheet HTML 147Page - National Semiconductor (TI) CS5530 Datasheet HTML 148Page - National Semiconductor (TI) CS5530 Datasheet HTML 149Page - National Semiconductor (TI) CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 241 page
background image
www.national.com
150
Revision 4.1
Register Descriptions (Continued)
10:9
DEVSEL# Timing: These bits are always 01, as the CS5530 always responds to cycles for which it is an active target
with medium DEVSEL# timing: 00 = Fast; 01 = Medium; 10 = Slow; 11 = Reserved
8
Data Parity Detected: This bit is set when:
1) The CS5530 asserted PERR# or observed PERR# asserted.
2) The CS5530 is the master for the cycle in which a parity error occurred and the Parity Error bit is set (F0 Index 04h[6]
=1).
Write 1 to clear.
7
Fast Back-to-Back Capable: As a target, the CS5530 is capable of accepting fast back-to-back transactions:
0 = Disable; 1 = Enable.
This bit is always set to 1.
6:0
Reserved: Set to 0.
Index 08h
Device Revision ID Register (RO)
Reset Value = xxh
7:0
Device Revision ID (Read Only): 00h = Silicon Rev 1.2 or below; 13h = Silicon Rev 1.3.
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 060100h
Index 0Ch
PCI Cache Line Size Register (R/W)
Reset Value = 00h
7:0
PCI Cache Line Size Register: This register sets the size of the PCI cache line, in increments of four bytes. For memory
write and invalidate cycles, the PCI cache line size must be set to 16 bytes (04h), and the Memory Write and Invalidate bit
must be set (F0 Index 04h[4] = 1).
Index 0Dh
PCI Latency Timer Register (R/W)
Reset Value = 00h
7:4
Reserved: Set to 0.
3:0
PCI Latency Timer Value: The PCI Latency Timer Register prevents system lockup when a slave does not respond to a
cycle that the CS5530 masters. If the value is set to 00h (default), the timer is disabled. If the timer is written with any
other value, bits [3:0] become the four most significant bytes in a timer that counts PCI clocks for slave response. The
timer is reset on each valid data transfer. If the counter expires before the next assertion of TRDY# is received, the
CS5530 stops the transaction with a master abort and asserts SERR#, if enabled to do so (F0 Index 04h[8] = 1).
Index 0Eh
PCI Header Type (RO)
Reset Value = 00h
7:0
PCI Header Type Register (Read Only): This register defines the format of this header. This header is of type format 0.
Additionally, bit 7 defines whether this PCI device is a multifunction device (bit 7 = 1) or not (bit 7 = 0).
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
7
BIST Capable (Read Only): Is device capable of running a built-in self-test (BIST)? 0 = No; 1 = Yes,
6
Start BIST: Setting this bit to a one starts up a BIST on the device. The device resets this bit when the BIST has been
completed. (Not supported.)
5:4
Reserved (Read Only)
3:0
BIST Completion Code (Read Only): Upon completion of the BIST, the completion code is stored in these bits. A com-
pletion code of zero indicates the BIST has successfully been completed. All other values indicate some type of BIST fail-
ure.
Index 10h-3Fh
Reserved
Index 40h
PCI Function Control Register 1 (R/W)
Reset Value = 89h
7
PCI Interrupt Acknowledge Cycle Response: The CS5530 responds to PCI interrupt acknowledge cycles:
0 = Disable; 1 = Enable.
6
Single Write Mode: The CS5530 accepts only single cycle write transfers as a slave on the PCI bus and performs a tar-
get disconnect with the first data transferred: 0 = Disable (accepts burst write cycles); 1 = Enable.
5
Single Read Mode: The CS5530 accepts only single cycle read transfers as a slave on the PCI bus and performs a tar-
get disconnect with the first data transferred. 0 = Disable (accepts burst read cycles); 1 = Enable.
4
Retry PCI Cycles: Retry inbound PCI cycles if data is buffered and waiting to go outbound on PCI:
0 = No Retry; 1 = Retry.
3
Write Buffer: PCI slave write buffer: 0 = Disable; 1 = Enable.
2:1
Reserved: Set to 0.
0
BS8/16: This bit can not be written. Always = 1.
Note: Bits 6 and 5 emulate the behavior of first generation SIO devices developed for PCI. They should normally remain cleared.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com