Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 148Page - National Semiconductor (TI) CS5530 Datasheet HTML 149Page - National Semiconductor (TI) CS5530 Datasheet HTML 150Page - National Semiconductor (TI) CS5530 Datasheet HTML 151Page - National Semiconductor (TI) CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) CS5530 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 241 page
background image
www.national.com
152
Revision 4.1
Register Descriptions (Continued)
Index 43h
USB Shadow Register (R/W)
Reset Value = 03h
7
Reserved: Set to 0.
6
Enable SA20: Pin AD22 configuration: 0 = GPIO4; 1 = SA20. If F0 Index 43h bit 6 or bit 2 is set to 1, then pin AD22 =
SA20.
5
Legacy Cycles Assert HOLD_REQ#: Allow legacy cycles to cause HOLD_REQ# to be asserted:
0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disabled, set
to 0).
4
Read Cycles Assert HOLD_REQ#: Allow read cycles to cause HOLD_REQ# to be asserted:
0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disabled, set
to 0).
3
Any Cycle Asserts HOLD_REQ#: Allow any cycle to cause HOLD_REQ# to be asserted: 0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disabled, set
to 0).
2
Enable SA[23:20]: Pins AF23, AE23, AC21, and AD22 configuration: 0 = GPIO[7:4]; 1 = SA[23:20].
If F0 Index 43h bit 6 or bit 2 is set to 1, then pin AD22 = SA20.
1
PCI Retry Cycles: When the CS5530 is a PCI target and the PCI buffer is not empty, allow PCI bus to retry cycles:
0 = Disable; 1 = Enable.
This bit works in conjunction with PCI bus delayed transactions bit. F0 Index 42h[5] must = 1 for this bit to be valid.
0
USB: USB core: 0 = Disable; 1 = Enable.
Index 44h
Reset Control Register (R/W)
Reset Value = xx000000b
7
ISA Mode: This bit is set to read back the strap value of the INTR pin (pin P26) during POR:
0 = ISA Limited; 1 = ISA Master.
This bit can be written after POR# deasserts to change the ISA mode selected. However, writing to this bit is not recom-
mended due to the actual strapping done on the board.
6
IDSEL Mode: This bit is set to read back the strap value of the HOLD_REQ# pin (pin H26) during POR:
0 = AD28 is IDSEL for Chipset Register Space and AD29 is IDSEL for USB Register Space;
1 = AD26 is IDSEL for Chipset Register Space and AD27 is IDSEL for USB Register Space.
This bit can be written after POR# deasserts to change the IDSEL settings. However, writing to this bit is not recom-
mended due to the actual strapping done on the board.
5:4
Clock 32K Control: Controls the source of the CLK_32K pin (AE3):
00 = CLK_32K is internally derived from CLK_14MHZ (pin P24) and is not output on pin AE3 (Default)
01 = CLK_32K is internally derived from CLK_14MHZ (pin P24) and is output on pin AE3
10 = CLK_32K is an input
11 = Invalid
3
IDE Controller Reset: Reset the IDE Controller: 0 = Disable; 1 = Enable.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
2
IDE Reset: Reset IDE bus: 0 = Disable; 1 = Enable.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
1
PCI Reset: Reset PCI bus: 0 = Disable; 1 = Enable.
When set, the CS5530 PCI_RST# output signal (pin C14) is asserted and all devices on the PCI bus including PCIUSB
are reset. No other function within the CS5530 is affected by this bit.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
0
X-Bus Warm Start: Reading and writing this bit has two different meanings/functions:
Reading this bit: Has a warm start occurred since power-up? 0 = Yes; 1 = No
Writing this bit: 0 = NOP; 1 = Execute system wide reset (used only for clock configuration at power-up)
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com