Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 152Page - National Semiconductor (TI) CS5530 Datasheet HTML 153Page - National Semiconductor (TI) CS5530 Datasheet HTML 154Page - National Semiconductor (TI) CS5530 Datasheet HTML 155Page - National Semiconductor (TI) CS5530 Datasheet HTML 156Page - National Semiconductor (TI) CS5530 Datasheet HTML 157Page - National Semiconductor (TI) CS5530 Datasheet HTML 158Page - National Semiconductor (TI) CS5530 Datasheet HTML 159Page - National Semiconductor (TI) CS5530 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 241 page
background image
www.national.com
156
Revision 4.1
Register Descriptions (Continued)
Index 5Eh-6Fh
Reserved
Index 70h-71h
General Purpose Chip Select Base Address Register (R/W)
Reset Value = 0000h
15:0
General Purpose Chip Select I/O Base Address: This 16-bit value represents the I/O base address used to enable the
assertion of the GPCS# signal.
This register, together with General Purpose Chip Select Control Register (F0 Index 72h) is used to configure the
operation of the GPCS# pin.
Index 72h
General Purpose Chip Select Control Register (R/W)
Reset Value = 00h
7
General Purpose Chip Select: GPCS# (pin AF26): 0 = Disable; 1 = Enable.
6
Writes Result in Chip Select: Writes to configured I/O address (base address configured in F0 Index 70h and range
configured in bits [4:0]) causes GPCS# signal to be asserted: 0 = Disable; 1 = Enable.
5
Reads Result in Chip Select: Reads from configured I/O address (base address configured in F0 Index 70h and range
configured in bits [4:0]) causes GPCS# signal to be asserted: 0 = Disable; 1 = Enable.
4:0
General Purpose Chip Select I/O Address Range: This 5-bit field selects the range of GPCS# signal:
00000 = 1byte
01111 = 16 bytes
00001 = 2 bytes
11111 = 32 bytes
00011 = 4 bytes
All other combinations are reserved.
00111 = 8 bytes
Note: This register, together with General Purpose Chip Select Base Address Register (F0 Index 70h) is used to configure the oper-
ation of the GPCS# pin.
Index 73h-7Fh
Reserved
Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
7:6
Reserved: Set to 0.
5
Codec SDATA_IN SMI: Allow AC97 codec to generate an SMI due to codec producing a positive edge on SDATA_IN:
0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[2].
4
Video Speedup: Any video activity, as decoded from the serial connection (PSERIAL register, bit 0) from the GXLV
processor disables clock throttling (via SUSP#/SUSPA# handshake) for a configurable duration when the system is power
managed using CPU Suspend modulation. 0 = Disable; 1 = Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bx, 3, 3Dx and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-stan-
dard, but it does allow the power management routines to support an external VGA chip.
3
IRQ Speedup: Any unmasked IRQ (per I/O Port 021h/0A1h) or SMI disables clock throttling (via SUSP#/SUSPA# hand-
shake) for a configurable duration when the system is power managed using CPU Suspend modulation:
0 = Disable; 1 = Enable.
The duration of the speedup is configured in the IRQ Speedup Timer Count Register (F0 Index 8Ch).
2
Traps: Globally enable all power management device I/O traps: 0 = Disable; 1 = Enable.
This excludes the audio I/O traps. They are enabled at F3BAR+Memory Offset 18h.
1
Idle Timers: Globally enable all power management device idle timers: 0 = Disable; 1 = Enable.
Note, disable at this level does not reload the timers on the enable. The timers are disabled at their current counts.
This bit has no effect on the Suspend Modulation OFF/ON Timers (F0 Index 94h/95h).
0
Power Management: Global power management: 0 = Disable; 1 = Enabled.
This bit must be set (1) immediately after POST for power management resources to function.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com