Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 57 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 57 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 53Page - Dallas Semiconductor DS3134 Datasheet HTML 54Page - Dallas Semiconductor DS3134 Datasheet HTML 55Page - Dallas Semiconductor DS3134 Datasheet HTML 56Page - Dallas Semiconductor DS3134 Datasheet HTML 57Page - Dallas Semiconductor DS3134 Datasheet HTML 58Page - Dallas Semiconductor DS3134 Datasheet HTML 59Page - Dallas Semiconductor DS3134 Datasheet HTML 60Page - Dallas Semiconductor DS3134 Datasheet HTML 61Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 203 page
background image
DS3134
57 of 203
Bit 6 / Sync Select Bit 0 (RSS0).
Bit 7 / Sync Select Bit 1 (RSS1).
These 2 bits select the mode in which each port is to be operated. Each port can be configured to accept
24, 32, 64, or 128 DS0 channels at an 8 kHz rate. These bits are ignored if the port has been configured
to operate in an unchannelized fashion (RUEN = 1).
00 = T1 Mode (24 DS0 channels & 193 RC clocks in between RS sync signals)
01 = E1 Mode (32 DS0 channels & 256 RC clocks in between RS sync signals)
10 = 4.096 MHz Mode (64 DS0 channels & 512 RC clocks in between RS sync signals)
11 = 8.192 MHz Mode (128 DS0 channels & 1024 RC clocks in between RS sync signals)
Bit 8 / Port 0 High Speed Mode (RP0(1)HS). If enabled, the Port 0(1) Layer State Machine logic is
defeated and RC0(1) and RD0(1) are routed to some dedicated high speed HDLC processing logic. Only
present in RP0CR and RP1CR. Bit 8 is not assigned in Ports 2 through 15.
0 = disabled
1 = enabled
Bit 9 / Unchannelized Enable (RUEN).
When enabled, this bit forces the port to operate in an
unchannelized fashion. When disabled, the port will operate in a channelized mode.
0 = channelized mode
1 = unchannelized mode
Bit 10 / Local Loopback Enable (LLB). This loopback routes transmit data back to the receive port. It
can be used in both channelized and unchannelized port operating modes, even on ports 0 & 1 operating
at speeds up to 52 MHz. See Figure 5.1A. In channelized applications, a per-channel loopback can be
realized by using the Channelized Local LoopBack (CLLB) function. See Section 5.3 for details on
CLLB.
0 = loopback disabled
1 = loopback enabled
Bit 12 / V.54 Time Out (VTO). This read only bit reports the real time status of the V.54 detector. It
will be set to a one when the V.54 detector has finished searching for the V.54 loop up pattern and has not
detected it. This indicates to the Host that the V.54 detector can now be used to search for the V.54 loop
up pattern on other HDLC channels and the Host can initiate this by configuring the RV54 bits in the
RP[n]CR register and then toggling the VRST control bit. See Section 5.4 for more details on how the
V.54 detector operates.
Bit 13 / V.54 Loopback (VLB). This read only bit reports the real time status of the V.54 detector. It
will be set to a one when the V.54 detector has verified that a V.54 loop up pattern has been seen. When
set, it will remain set until either the V.54 loop down pattern is seen or the V.54 detector is reset by the
Host (i.e. by toggling VRST). See Section 5.4 for more details on how the V.54 detector operates.
Bit 14 / Interrupt Enable for RCOFA (IERC).
0 = interrupt masked
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com