Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 71 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 71 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 67Page - Dallas Semiconductor DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor DS3134 Datasheet HTML 73Page - Dallas Semiconductor DS3134 Datasheet HTML 74Page - Dallas Semiconductor DS3134 Datasheet HTML 75Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 203 page
background image
DS3134
71 of 203
5.6 BERT REGISTER DESCRIPTION
BERT Register Set Figure 5.6A
BERTC0: BERT Control 0
lsb
n/a
TINV
RINV
PS2
PS1
PS0
LC
RESYNC
msb
IESYNC
IEBED
IEOF
n/a
RPL3
RPL2
RPL1
RPL0
BERTC1: BERT Control 1
lsb
EIB2
EIB1
EIB0
SBE
n/a
n/a
n/a
TC
msb
Alternating Word Count
BERTRP0: BERT Repetitive Pattern Set 0 (lower word)
lsb
BERT Repetitive Pattern Set (lower byte)
msb
BERT Repetitive Pattern Set
BERTRP1: BERT Repetitive Pattern Set 1 (upper word)
lsb
BERT Repetitive Pattern Set
msb
BERT Repetitive Pattern Set (upper byte)
BERTBC0: BERT Bit Counter 0 (lower word)
lsb
BERT 32-Bit Bit Counter (lower byte)
msb
BERT 32-Bit Bit Counter
BERTBC1: BERT Bit Counter 0 (upper word)
lsb
BERT 32-Bit Bit Counter
msb
BERT 32-Bit Bit Counter (upper byte)
BERTEC0: BERT Error Counter 0 / Status
lsb
n/a
RA1
RA0
RLOS
BED
BBCO
BECO
SYNC
msb
BERT 24-Bit Error Counter (lower byte)
BERTEC1: BERT Error Counter 1 (upper word)
lsb
BERT 24-Bit Error Counter
msb
BERT 24-Bit Error Counter (upper byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com