Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 17Page - Dallas Semiconductor DS3134 Datasheet HTML 18Page - Dallas Semiconductor DS3134 Datasheet HTML 19Page - Dallas Semiconductor DS3134 Datasheet HTML 20Page - Dallas Semiconductor DS3134 Datasheet HTML 21Page - Dallas Semiconductor DS3134 Datasheet HTML 22Page - Dallas Semiconductor DS3134 Datasheet HTML 23Page - Dallas Semiconductor DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 203 page
background image
DS3134
21 of 203
Lead
Symbol
Type
Signal Description
E4
TS0
I
Transmit Serial Sync for Port 0.
F3
TS1
I
Transmit Serial Sync for Port 1.
G1
TS2
I
Transmit Serial Sync for Port 2.
J2
TS3
I
Transmit Serial Sync for Port 3.
N2
TS4
I
Transmit Serial Sync for Port 4.
R2
TS5
I
Transmit Serial Sync for Port 5.
T3
TS6
I
Transmit Serial Sync for Port 6.
W1
TS7
I
Transmit Serial Sync for Port 7.
A17
TS8
I
Transmit Serial Sync for Port 8.
B15
TS9
I
Transmit Serial Sync for Port 9.
B13
TS10
I
Transmit Serial Sync for Port 10.
B11
TS11
I
Transmit Serial Sync for Port 11.
B9
TS12
I
Transmit Serial Sync for Port 12.
A6
TS13
I
Transmit Serial Sync for Port 13.
B5
TS14
I
Transmit Serial Sync for Port 14.
C4
TS15
I
Transmit Serial Sync for Port 15.
D6
VDD
-
Positive Supply. 3.3V (+/- 10%).
D10
VDD
-
Positive Supply. 3.3V (+/- 10%).
D11
VDD
-
Positive Supply. 3.3V (+/- 10%).
D15
VDD
-
Positive Supply. 3.3V (+/- 10%).
F4
VDD
-
Positive Supply. 3.3V (+/- 10%).
F17
VDD
-
Positive Supply. 3.3V (+/- 10%).
K4
VDD
-
Positive Supply. 3.3V (+/- 10%).
K17
VDD
-
Positive Supply. 3.3V (+/- 10%).
L4
VDD
-
Positive Supply. 3.3V (+/- 10%).
L17
VDD
-
Positive Supply. 3.3V (+/- 10%).
R4
VDD
-
Positive Supply. 3.3V (+/- 10%).
R17
VDD
-
Positive Supply. 3.3V (+/- 10%).
U6
VDD
-
Positive Supply. 3.3V (+/- 10%).
U10
VDD
-
Positive Supply. 3.3V (+/- 10%).
U11
VDD
-
Positive Supply. 3.3V (+/- 10%).
U15
VDD
-
Positive Supply. 3.3V (+/- 10%).
A1
VSS
-
Ground Reference.
D4
VSS
-
Ground Reference.
D8
VSS
-
Ground Reference.
D9
VSS
-
Ground Reference.
D13
VSS
-
Ground Reference.
D17
VSS
-
Ground Reference.
H4
VSS
-
Ground Reference.
H17
VSS
-
Ground Reference.
J17
VSS
-
Ground Reference.
M4
VSS
-
Ground Reference.
N4
VSS
-
Ground Reference.
N17
VSS
-
Ground Reference.
U4
VSS
-
Ground Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com