Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 18Page - Dallas Semiconductor DS3134 Datasheet HTML 19Page - Dallas Semiconductor DS3134 Datasheet HTML 20Page - Dallas Semiconductor DS3134 Datasheet HTML 21Page - Dallas Semiconductor DS3134 Datasheet HTML 22Page - Dallas Semiconductor DS3134 Datasheet HTML 23Page - Dallas Semiconductor DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 203 page
background image
DS3134
22 of 203
Lead
Symbol
Type
Signal Description
U8
VSS
-
Ground Reference.
U12
VSS
-
Ground Reference.
U13
VSS
-
Ground Reference.
U17
VSS
-
Ground Reference.
2.2 SERIAL PORT INTERFACE SIGNAL DESCRIPTION
Signal Name:
RC0 / RC1 / RC2 / RC3 / RC4 / RC5 / RC6 / RC7 / RC8 / RC9 / RC10 / RC11 /
RC12 / RC13 / RC14 / RC15
Signal Description:
Receive Serial Clock
Signal Type:
Input
Data can be clocked into the device either on falling edges (normal clock mode) or rising edges (inverted
clock mode) of RC. This is programmable on a per port basis. RC0 & RC1 can operate at speeds up to
52 MHz. RC2 to RC15 can operate at speeds up to 10 MHz. If not used, should be tied low.
Signal Name:
RD0 / RD1 / RD2 / RD3 / RD4 / RD5 / RD6 / RD7 / RD8 / RD9 / RD10 / RD11 /
RD12 / RD13 / RD14 / RD15
Signal Description:
Receive Serial Data
Signal Type:
Input
Can be sampled either on the falling edge of RC (normal clock mode) or the rising edge of RC (inverted
clock mode). If not used, should be tied low.
Signal Name:
RS0 / RS1 / RS2 / RS3 / RS4 / RS5 / RS6 / RS7 / RS8 / RS9 / RS10 / RS11 /
RS12 / RS13 / RS14 / RS15
Signal Description:
Receive Serial Data Synchronization Pulse
Signal Type:
Input
A one RC clock wide synchronization pulse that can be applied to the Chateau to force byte/frame
alignment. The applied sync signal pulse can be either active high (normal sync mode) or active low
(inverted sync mode). The RS signal can be sampled either on the falling edge or on rising edge of RC
(see Table 2.2A below for details). The applied sync pulse can be during the first RC clock period of a
193/256/512/1024 bit frame or it can be applied 1/2, 1, or 2 RC clocks early. This input sync signal resets
a counter that rolls over at a count of either 193 (T1 mode) or 256 (E1 mode) or 512 (4.096 MHz mode)
or 1024 (8.192 MHz mode) RC clocks. It is acceptable to only pulse the RS signal once to establish byte
boundaries and allow Chateau to keep track of the byte/frame boundaries by counting RC clocks. If the
incoming data does not require alignment to byte/frame boundaries, then this signal should be tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com