Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 8Page - Dallas Semiconductor DS3134 Datasheet HTML 9Page - Dallas Semiconductor DS3134 Datasheet HTML 10Page - Dallas Semiconductor DS3134 Datasheet HTML 11Page - Dallas Semiconductor DS3134 Datasheet HTML 12Page - Dallas Semiconductor DS3134 Datasheet HTML 13Page - Dallas Semiconductor DS3134 Datasheet HTML 14Page - Dallas Semiconductor DS3134 Datasheet HTML 15Page - Dallas Semiconductor DS3134 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 203 page
background image
DS3134
12 of 203
When the DMA begins burst writing data into the FIFO, it will try to completely fill the FIFO with HDLC
packet data even if it that means writing multiple packets. Once the FIFO detects that the DMA has filled
it to beyond the Low Water Mark (or an EOF is reached), the FIFO will begin transferring 32-bit dwords
to the HDLC Engine.
One of the unique attributes of the DS3134 is the structure of the DMA. The DMA has been optimized to
maintain maximum flexibility yet reduce the number of bus cycles required to transfer packet data. The
DMA uses a flexible scatter/gather technique, which allows that packet data to be place anywhere within
the 32-bit address space. The user has the option on the receive side of two different buffer sizes which
are called “large” and “small” but that can be set to any size up to 8191 bytes. The user has the option to
store the incoming data either, only in the large buffers, only in the small buffers, or fill a small buffer
first and then fill large buffers as needed. The varying buffer storage options allow the user to make the
best use of the available memory and to be able to balance the tradeoff between latency and bus
utilization.
The DMA uses a set of descriptors to know where to store the incoming HDLC packet data and where to
obtain HDLC packet data that is ready to be transmitted. The descriptors are fixed size messages that are
handed back and forth from the DMA to the Host. Since this descriptor transfer utilizes bus cycles, the
DMA has been structured to minimize the number of transfers required. For example on the receive side,
the DMA obtains descriptors from the Host to know where in the 32-bit address space to place the
incoming packet data. These descriptors are known as Free Queue Descriptors. When the DMA reads
these descriptors off of the PCI Bus, they contain all the information that the DMA needs to know where
to store the incoming data. Unlike other existing scatter/gather DMA architectures, the DS3134 DMA
does not need to use any more bus cycles to determine where to place the data. Other DMA architectures
tend to use pointers, which require them to go back onto the bus to obtain more information and hence
use more bus cycles.
Another technique that the DMA uses to maximize bus utilization is the ability to burst read and writes
the descriptors. The device can be enabled to read and write the descriptors in bursts of 8 or 16 instead of
one at a time. Since there is fixed overhead associated with each bus transaction, the ability to burst read
and write descriptors allows the device to share the bus overhead among 8 or 16 descriptor transactions
which reduces the total number of bus cycles needed.
The DMA can also burst up to 256 dwords (1024 bytes) onto the PCI Bus. This helps to minimize bus
cycles by allowing the device to burst large amounts of data in a smaller number of bus transactions
which reduces bus cycles by reducing the amount of fixed overhead that is placed on the bus.
The Local Bus Block has two modes of operation. It can be used as either a Bridge from the PCI Bus in
which case it is a bus master or it can be used as a Configuration Bus in which case it is a bus slave. The
Bridge Mode allows the Host on the PCI Bus to access the local bus. The DS3134 will map data from the
PCI Bus to the local bus. In the Configuration Mode, the local bus is used only to control and monitor the
DS3134 while the HDLC packet data will still be transferred to the Host via the PCI Bus.
Restrictions
In creating the overall system architecture, the user must balance the port, throughput, and HDLC channel
restrictions of the DS3134. Table 1D lists all of the upper bound maximum restrictions on the DS3134.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com