Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 66 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 66 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 62Page - Dallas Semiconductor DS3134 Datasheet HTML 63Page - Dallas Semiconductor DS3134 Datasheet HTML 64Page - Dallas Semiconductor DS3134 Datasheet HTML 65Page - Dallas Semiconductor DS3134 Datasheet HTML 66Page - Dallas Semiconductor DS3134 Datasheet HTML 67Page - Dallas Semiconductor DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 203 page
background image
DS3134
66 of 203
Bit 15 / Transmit DS0 Channel Enable (TCHEN). This bit must be set for each active DS0 channel in
a channelized application. In a channelized application, although a DS0 channel is deactivated, the
channel can still be set up to route data from the BERT block. In addition, although a DS0 channel is
active, the loopback function (CNLB = 1) overrides this activation and will route receive data to the TD
pin instead of from the HDLC. In an unchannelized mode (TUEN = 1), only the TCHEN bit in T[n]CFG0
needs to be configured.
0 = deactivated DS0 channel
1 = active DS0 channel
5.4 RECEIVE V.54 DETECTOR
Each port within the device contains a V.54 loop pattern detector. V.54 is a pseudorandom pattern that
will be sent for at least 2 seconds followed immediately by an all ones pattern for at least two seconds if
the channel is to be placed into loopback. The exact pattern and sequence is defined in Annex B of ANSI
T1.403-1995.
When a port is configured for unchannelized operation (RUEN = 1), all of the data entering the port via
RD is routed to the V.54 detector. If the Host wishes not to utilize the V.54 detector, then the SLBP
status bits in the Status V.54 (SV54) register should be ignored and their corresponding interrupt mask
bits in ISV54 should be set to 0 to keep from disturbing the Host. Details on the status and interrupt bits
can be found in Section 4.
When the port is configured for channelized operation (RUEN = 0), then it is the Host's responsibility to
determine which DS0 channels should be searched for the V.54 pattern. In channelized applications, it
may be that there will be multiple HDLC channels that the Host wishes to look for the V.54 pattern in. If
this is true, then the Host will perform the routine shown in Table 5.4A. A flowchart of the same routine
is shown in Figure 5.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com