Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 48 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 48 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 44Page - Dallas Semiconductor DS3134 Datasheet HTML 45Page - Dallas Semiconductor DS3134 Datasheet HTML 46Page - Dallas Semiconductor DS3134 Datasheet HTML 47Page - Dallas Semiconductor DS3134 Datasheet HTML 48Page - Dallas Semiconductor DS3134 Datasheet HTML 49Page - Dallas Semiconductor DS3134 Datasheet HTML 50Page - Dallas Semiconductor DS3134 Datasheet HTML 51Page - Dallas Semiconductor DS3134 Datasheet HTML 52Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 203 page
background image
DS3134
48 of 203
will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the LINT* if the
Local Bus is in the Configuration Mode.
Bit 5 / Status Bit for Receive FIFO Overflow (ROVFL). This status bit will be set to a one if any of
the HDLC channels experiences an overflow in the receive FIFO. The ROVFL bit will be cleared when
read and will not be set again until another overflow has occurred. If enabled via the ROVFL bit in the
Interrupt Mask for SDMA (ISDMA), the setting of this bit will cause a hardware interrupt at the PCI Bus
via the PINTA* signal pin and also at the LINT* if the Local Bus is in the Configuration Mode.
Bit 6 / Status Bit for Receive DMA Large Buffer Read (RLBR). This status bit will be set to a one
each time the Receive DMA completes a single read or a burst read of the Large Buffer Free Queue. The
RLBR bit will be cleared when read and will not be set again, until another read of the Large Buffer Free
Queue has occurred. If enabled via the RLBR bit in the Interrupt Mask for SDMA (ISDMA), the setting
of this bit will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the LINT*
if the Local Bus is in the Configuration Mode.
Bit 7 / Status Bit for Receive DMA Large Buffer Read Error (RLBRE). This status bit will be set to
a one each time the Receive DMA tries to read the Large Buffer Free Queue and it is empty. The RLBRE
bit will be cleared when read and will not be set again, until another read of the Large Buffer Free Queue
detects that it is empty. If enabled via the RLBRE bit in the Interrupt Mask for SDMA (ISDMA), the
setting of this bit will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the
LINT* if the Local Bus is in the Configuration Mode.
Bit 8 / Status Bit for Receive DMA Small Buffer Read (RSBR). This status bit will be set to a one
each time the Receive DMA completes a single read or a burst read of the Small Buffer Free Queue. The
RSBR bit will be cleared when read and will not be set again, until another read of the Small Buffer Free
Queue has occurred. If enabled via the RSBR bit in the Interrupt Mask for SDMA (ISDMA), the setting
of this bit will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the LINT*
if the Local Bus is in the Configuration Mode.
Bit 9 / Status Bit for Receive DMA Small Buffer Read Error (RSBRE). This status bit will be set to a
one each time the Receive DMA tries to read the Small Buffer Free Queue and it is empty. The RSBRE
bit will be cleared when read and will not be set again, until another read of the Small Buffer Free Queue
detects that it is empty. If enabled via the RSBRE bit in the Interrupt Mask for SDMA (ISDMA), the
setting of this bit will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the
LINT* if the Local Bus is in the Configuration Mode.
Bit 10 / Status Bit for Receive DMA Done Queue Write (RDQW). This status bit will be set to a one
when the Receive DMA writes to the Done Queue. Based of the setting of the Receive Done Queue
Threshold Setting (RDQT0 to RDQT2) bits in the Receive DMA Queues Control (RDMAQ) register, this
bit will be set either after each write or after a programmable number of writes from 2 to 128. See
Section 8.1.4 for more details. The RDQW bit will be cleared when read and will not be set again until
another write to the Done Queue has occurred. If enabled via the RDQW bit in the Interrupt Mask for
SDMA (ISDMA), the setting of this bit will cause a hardware interrupt at the PCI Bus via the PINTA*
signal pin and also at the LINT* if the Local Bus is in the Configuration Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com