Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 40Page - Dallas Semiconductor DS3134 Datasheet HTML 41Page - Dallas Semiconductor DS3134 Datasheet HTML 42Page - Dallas Semiconductor DS3134 Datasheet HTML 43Page - Dallas Semiconductor DS3134 Datasheet HTML 44Page - Dallas Semiconductor DS3134 Datasheet HTML 45Page - Dallas Semiconductor DS3134 Datasheet HTML 46Page - Dallas Semiconductor DS3134 Datasheet HTML 47Page - Dallas Semiconductor DS3134 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 203 page
background image
DS3134
44 of 203
4.3.2 STATUS & INTERRUPT REGISTER DESCRIPTION
Register Name:
SM
Register Description: Status Master Register
Register Address:
0020h
76
5432
1
0
n/a
n/a
n/a
PPERR
PSERR
SBERT
STCOFA
SRCOFA
15
14
13
12
11
10
9
8
LBINT
LBE
n/a
n/a
n/a
n/a
n/a
n/a
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Status Bit for Receive Change Of Frame Alignment (SRCOFA). This status bit will be set to a
one if one or more of the receive ports has experienced a Change Of Frame Alignment (COFA) event.
The host must read the RCOFA bit in the Receive Port Control Registers (RP[n]CR) of each active port to
determine which port or ports has seen the COFA. The SRCOFA bit will be cleared when read and will
not be set again, until one or more receive ports has experienced another COFA. If enabled via the
SRCOFA bit in the Interrupt Mask for SM (ISM), the setting of this bit will cause a hardware interrupt at
the PCI Bus via the PINTA* signal pin and also at the LINT* if the Local Bus is in the Configuration
Mode.
Bit 1 / Status Bit for Transmit Change Of Frame Alignment (STCOFA). This status bit will be set to
a one if one or more of the transmit ports has experienced a Change Of Frame Alignment (COFA) event.
The host must read the TCOFA bit in the Transmit Port Control Registers (TP[n]CR) of each active port
to determine which port or ports has seen the COFA. The STCOFA bit will be cleared when read and
will not be set again, until one or more transmit ports has experienced another COFA. If enabled via the
STCOFA bit in the Interrupt Mask for SM (ISM), the setting of this bit will cause a hardware interrupt at
the PCI Bus via the PINTA* signal pin and also at the LINT* if the Local Bus is in the Configuration
Mode.
Bit 2 / Status Bit for Change of State in BERT (SBERT). This status bit will be set to a one if there is
a major change of state in the BERT receiver. A major change of state is defined as either a change in the
receive synchronization (i.e. the BERT has gone into or out of receive synchronization), a bit error has
been detected, or an overflow has occurred in either the Bit Counter or the Error Counter. The Host must
read the status bits of the BERT in the BERT Status Register (BERTEC0) to determine the change of
state. The SBERT bit will be cleared when read and will not be set again until the BERT has experienced
another change of state. If enabled via the SBERT bit in the Interrupt Mask for SM (ISM), the setting of
this bit will cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the LINT* if
the Local Bus is in the Configuration Mode.
Bit 3 / Status Bit for PCI System Error (PSERR). This status bit is a software version of the PCI Bus
hardware pin PSERR. It will be set to a one if the PCI Bus detects an address parity error or other PCI
Bus error. The PSERR bit will be cleared when read and will not be set again until another PCI Bus error
has occurred. If enabled via the PSERR bit in the Interrupt Mask for SM (ISM), the setting of this bit will
cause a hardware interrupt at the PCI Bus via the PINTA* signal pin and also at the LINT* if the Local
Bus is in the Configuration Mode. This status bit is also reported in the Control/Status register in the PCI
Configuration registers, see Section 9 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com