Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 95 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 95 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 91Page - Dallas Semiconductor DS3134 Datasheet HTML 92Page - Dallas Semiconductor DS3134 Datasheet HTML 93Page - Dallas Semiconductor DS3134 Datasheet HTML 94Page - Dallas Semiconductor DS3134 Datasheet HTML 95Page - Dallas Semiconductor DS3134 Datasheet HTML 96Page - Dallas Semiconductor DS3134 Datasheet HTML 97Page - Dallas Semiconductor DS3134 Datasheet HTML 98Page - Dallas Semiconductor DS3134 Datasheet HTML 99Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 203 page
background image
DS3134
95 of 203
Register Name:
TFLWM
Register Description: Transmit FIFO Low Water Mark
Register Address:
09A4h
76
5432
10
TLWM7
TLWM6
TLWM5
TLWM4
TLWM3
TLWM2
TLWM1
TLWM0
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
n/a
TLWM9
TLWM8
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 9 / Low Water Mark (TLWM0 to TLWM9). These 10 bits indicate the setting of the
Transmit Low Water Mark. The Low Water Mark setting is the number of Blocks left in the Transmit
FIFO before the DMA will get more data from the PCI Bus. The Low Water Mark setting must be
between (inclusive) 1 block and one less than the number of blocks in the link list chain for the particular
channel involved. For example, if five blocks are linked together, then the Low Water Mark can be set to
1, 2, or 3. In another words the Low Water Mark can be set at a value of 1 to N – 2, where N = number of
blocks are linked together. Any other numbers are illegal.
0000000000 (000h) = invalid setting
0000000001 (001h) = Low Water Mark is 1 Block
0000000010 (002h) = Low Water Mark is 2 Blocks
0111111111 (1FFh) = Low Water Mark is 511 Blocks
1111111111 (3FFh) = Low Water Mark is 1023 Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com