Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 63 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 63 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 59Page - Dallas Semiconductor DS3134 Datasheet HTML 60Page - Dallas Semiconductor DS3134 Datasheet HTML 61Page - Dallas Semiconductor DS3134 Datasheet HTML 62Page - Dallas Semiconductor DS3134 Datasheet HTML 63Page - Dallas Semiconductor DS3134 Datasheet HTML 64Page - Dallas Semiconductor DS3134 Datasheet HTML 65Page - Dallas Semiconductor DS3134 Datasheet HTML 66Page - Dallas Semiconductor DS3134 Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 203 page
background image
DS3134
63 of 203
Register Name:
C[n]DAT[j] where n = 0 to 15 for each Port & j = 0 to 127 for each DS0
Register Description: Channelized Layer 1 DS0 Data Register
Register Address:
Indirect Access Via CP[n]RD
76
5432
10
RDATA(8): Receive DS0 Data
15
14
13
12
11
10
9
8
TDATA(8): Transmit DS0 Data
Note: Bits that are underlined are read only, all other bits are read-write.
Note: In normal device operation, the Host must never write to the C[n]DAT[j] registers.
Bits 0 to 7 / Receive DS0 Data (RDATA). This register holds the most current DS0 byte received. It is
used by the transmit side Layer One State Machine when Channelized Network LoopBack (CNLB) is
enabled.
Bits 8 to 15 / Transmit DS0 Data (TDATA). This register holds the most current DS0 byte transmitted.
It is used by the receive side Layer One State Machine when Channelized Local LoopBack (CLLB) is
enabled.
Register Name:
R[n]CFG[j] where n = 0 to 15 for each Port & j = 0 to 127 for each DS0
Register Description: Receive Layer 1 Configuration Register
Register Address:
Indirect Access via CP[n]RD
76
5432
10
RCH#(8): Receive HDLC Channel Number
15
14
13
12
11
10
9
8
RCHEN
RBERT
n/a
RV54
n/a
CLLB
n/a
R56
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 7 / Receive Channel Number (RCH#). The CPU will load the number of the HDLC channel
associated with this particular DS0 channel. If the port is running in an unchannelized mode (RUEN = 1),
then the HDLC Channel Number only needs to be loaded into R[n]CFG0. If the Fast (52 Mbps) HDLC
Engine is enabled on Port 0, then HDLC Channel 1 is assigned to it and likewise HDLC Channel 2 will
be assigned to the Fast HDLC Engine on Port 2 if it is enabled. Hence, these HDLC channel numbers
should not be used if the Fast HDLC Engines are enabled.
00000000 (00h) = HDLC Channel Number 1 (also used for the Fast HDLC Engine on Port 0)
00000001 (01h) = HDLC Channel Number 2 (also used for the Fast HDLC Engine on Port 1)
00000010 (02h) = HDLC Channel Number 3
11111111 (FFh) = HDLC Channel Number 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com