Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 92 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 92 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 88Page - Dallas Semiconductor DS3134 Datasheet HTML 89Page - Dallas Semiconductor DS3134 Datasheet HTML 90Page - Dallas Semiconductor DS3134 Datasheet HTML 91Page - Dallas Semiconductor DS3134 Datasheet HTML 92Page - Dallas Semiconductor DS3134 Datasheet HTML 93Page - Dallas Semiconductor DS3134 Datasheet HTML 94Page - Dallas Semiconductor DS3134 Datasheet HTML 95Page - Dallas Semiconductor DS3134 Datasheet HTML 96Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 203 page
background image
DS3134
92 of 203
0000000010 (002h) = High Water Mark is 2 Blocks
0111111111 (1FFh) = High Water Mark is 511 Blocks
1111111111 (3FFh) = High Water Mark is 1023 Blocks
Register Name:
TFSBPIS
Register Description: Transmit FIFO Starting Block Pointer Indirect Select
Register Address:
0980h
76
5432
10
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to write data to the internal
Transmit Starting Block Pointer RAM, this bit should be written to a zero by the host. This causes the
device to take the data that is currently present in the TFSBP register and write it to the channel location
indicated by the HCID bits. When the device has completed the write, the IAB will be set to zero.
Note: The TFSBP is a write only register. Once this register has been written to and operation started,
DS3134 internal state machine will change the value in this register.
Bit 15 / Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read only
bit will be set to a one. During a read operation, this bit will be set to a one until the data is ready to be
read. It will be set to zero when the data is ready to be read. During a write operation, this bit will be set
to a one while the write is taking place. It will be set to zero once the write operation has completed.
Register Name:
TFSBP
Register Description: Transmit FIFO Starting Block Pointer
Register Address:
0984h
76
5432
10
TSBP7
TSBP6
TSBP5
TSBP4
TSBP3
TSBP2
TSBP1
TSBP0
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
n/a
TSBP9
TSBP8
Note: Bits that are underlined are read only, all other bits are read-write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com