Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 66Page - Dallas Semiconductor DS3134 Datasheet HTML 67Page - Dallas Semiconductor DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor DS3134 Datasheet HTML 73Page - Dallas Semiconductor DS3134 Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 203 page
background image
DS3134
70 of 203
5.5 BERT
The BERT Block is capable of generating and detecting the following patterns:
- The pseudorandom patterns 2E7, 2E11, 2E15, and QRSS
- A repetitive pattern from 1 to 32 bits in length
- Alternating (16-bit) words which flip every 1 to 256 words
The BERT receiver has a 32-bit Bit Counter and a 24-bit Error Counter. It can generate interrupts on
detecting a bit error, a change in synchronization, or if an overflow occurs in the Bit and Error Counters.
See Section 4 for details on status bits and interrupts from the BERT Block. To activate the BERT Block,
the Host must configure the BERT mux (see Figure 5.5A) and in channelized applications, the Host must
also configure the Layer One State Machine to send/obtain data to/from the BERT Block via the Layer
One Configuration Registers (see Section 5.3).
BERT Mux Diagram Figure 5.5A
Port 0 (slow)
Port 1 (slow)
Port 2 (slow)
Port 3 (slow)
Port 4 (slow)
Port 5 (slow)
bertbd
BERT
Mux
BERT
Block
SBERT Status Bit
in SM
Internal Control &
Configuration Bus
Port 13 (slow)
Port 14 (slow)
Port 15 (slow)
Port 0 (fast)
Port 1 (fast)
BERT Select (5)
In the Master Configuration
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com