Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 72 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 72 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor DS3134 Datasheet HTML 73Page - Dallas Semiconductor DS3134 Datasheet HTML 74Page - Dallas Semiconductor DS3134 Datasheet HTML 75Page - Dallas Semiconductor DS3134 Datasheet HTML 76Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 203 page
background image
DS3134
72 of 203
Register Name:
BERTC0
Register Description: BERT Control Register 0
Register Address:
0500h
76
5432
1
0
n/a
TINV
RINV
PS2
PS1
PS0
LC
RESYNC
15
14
13
12
11
10
9
8
IESYNC
IEBED
IEOF
n/a
RPL3
RPL2
RPL1
RPL0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Force Resynchronization (RESYNC).
A low to high transition will force the receive BERT
synchronizer to resynchronize to the incoming data stream. This bit should be toggled from low to high
whenever the host wishes to acquire synchronization on a new pattern. Must be cleared and set again for
a subsequent resynchronization. Note: Bit 2, 3 & 4 must be set, minimum of 64 system clock cycles,
before toggle the Resync bit (bit 0).
Bit 1 / Load Bit and Error Counters (LC).
A low to high transition latches the current bit and error
counts into the host accessible registers BERTBC and BERTEC and clears the internal count. This bit
should be toggled from low to high whenever the host wishes to begin a new acquisition period. Must be
cleared and set again for a subsequent loads.
Bit 2 / Pattern Select Bit 0 (PS0).
Bit 3 / Pattern Select Bit 0 (PS1).
Bit 4 / Pattern Select Bit 1 (PS2).
000 = Pseudorandom Pattern 2E7 - 1
001 = Pseudorandom Pattern 2E11 - 1
010 = Pseudorandom Pattern 2E15 - 1
011 = Pseudorandom Pattern QRSS (2E20 - 1 with a one forced if the next 14 positions are zero)
100 = Repetitive Pattern
101 = Alternating Word Pattern
110 = illegal state
111 = illegal state
Bit 5 / Receive Invert Data Enable (RINV).
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bit 6 / Transmit Invert Data Enable (TINV).
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bit 8 / Repetitive Pattern Length Bit 0 (RPL0).
Bit 9 / Repetitive Pattern Length Bit 1 (RPL1).
Bit 10 / Repetitive Pattern Length Bit 2 (RPL2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com