Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 98 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 98 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 94Page - Dallas Semiconductor DS3134 Datasheet HTML 95Page - Dallas Semiconductor DS3134 Datasheet HTML 96Page - Dallas Semiconductor DS3134 Datasheet HTML 97Page - Dallas Semiconductor DS3134 Datasheet HTML 98Page - Dallas Semiconductor DS3134 Datasheet HTML 99Page - Dallas Semiconductor DS3134 Datasheet HTML 100Page - Dallas Semiconductor DS3134 Datasheet HTML 101Page - Dallas Semiconductor DS3134 Datasheet HTML 102Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 203 page
background image
DS3134
98 of 203
8.1 RECEIVE SIDE
8.1.1 OVERVIEW
The receive DMA uses a scatter gather technique to write packet data into main memory. The Host will
keep track of and decide where the DMA should place the incoming packet data. There are a set of
descriptors that is handed back and forth between the DMA and the Host. Via these descriptors, the Host
can inform the DMA where to place the packet data and the DMA can tell the Host when the data is ready
to be processed.
The operation of the receive DMA has three main areas as shown in Figures 8.1.1A and 8.1.1B and
Table 8.1.1A. The Host will write to the Free Queue Descriptors informing the DMA where it can place
the incoming packet data. Associated with each free data buffer location is a free Packet Descriptor
where the DMA can write information to inform the Host about the attributes of the packet data (i.e.
status information, number of bytes, etc.) that it will output. To accommodate the various needs of packet
data, the Host can quantize the free data buffer space into two different buffer sizes. The Host will set the
size of the buffers via the Receive Large Buffer Size (RLBS) and the Receive Small Buffer Size (RSBS)
registers.
Register Name:
RLBS
Register Description: Receive Large Buffer Size Select
Register Address:
0790h
76
5432
10
LBS7
LBS6
LBS5
LBS4
LBS3
LBS2
LBS1
LBS0
15
14
13
12
11
10
9
8
n/a
n/a
n/a
LBS12
LBS11
LBS10
LBS9
LBS8
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 12 / Large Buffer Select Bit (LBS0 to LBS12).
0000000000000 (0000h) = Buffer Size is 0 Bytes
1111111111111 (1FFFh) = Buffer Size is 8191 Bytes
Register Name:
RSBS
Register Description: Receive Small Buffer Size Select
Register Address:
0794h
76
5432
10
SBS7
SBS6
SBS5
SBS4
SBS3
SBS2
SBS1
SBS0
15
14
13
12
11
10
9
8
n/a
n/a
n/a
SBS12
SBS11
SBS10
SBS9
SBS8
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com