Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 102 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 102 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 98Page - Dallas Semiconductor DS3134 Datasheet HTML 99Page - Dallas Semiconductor DS3134 Datasheet HTML 100Page - Dallas Semiconductor DS3134 Datasheet HTML 101Page - Dallas Semiconductor DS3134 Datasheet HTML 102Page - Dallas Semiconductor DS3134 Datasheet HTML 103Page - Dallas Semiconductor DS3134 Datasheet HTML 104Page - Dallas Semiconductor DS3134 Datasheet HTML 105Page - Dallas Semiconductor DS3134 Datasheet HTML 106Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 203 page
background image
DS3134
102 of 203
Receive DMA Memory Organization Figure 8.1.1B
Free Data Buffer Space
Receive Free Queue Descriptors:
Contains 32-Bit Addresses for Free Data
Buffers & their Associated
Free Packet Descriptors
Free Queue Base Address (32)
Free Queue End Address (16)
Free Queue Small Buffer Start Address (16)
Free Queue Large Buffer Host Write Pointer (16)
Free Queue Large Buffer DMA Read Pointer (16)
Free Queue Small Buffer DMA Read Pointer (16)
Free Queue Small Buffer Host Write Pointer (16)
Up to 64K Dual dwords
Free Queue Descriptors Allowed
Receive Done Queue Descriptors:
Contains Index Pointers to
Used Packet Descriptors
Done Queue Base Address (32)
Done Queue End Address (16)
Done Queue DMA Write Pointer (16)
Done Queue Host Read Pointer (16)
Up to 64K dwords Done Queue
Descriptors Allowed
Receive Packet Descriptors:
Contains 32-Bit Addresses
to Free Buffer as well as
Status/Control Information and
Links to Other Packet Descriptors
Descriptor Base Address (32)
Up to 64K Quad dwords
Descriptors Allowed
Used Data Buffer Space
Main Offboard Memory
(32-Bit Address Space)
Internal Chateau Registers
dmarbd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com