Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 101 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 101 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 97Page - Dallas Semiconductor DS3134 Datasheet HTML 98Page - Dallas Semiconductor DS3134 Datasheet HTML 99Page - Dallas Semiconductor DS3134 Datasheet HTML 100Page - Dallas Semiconductor DS3134 Datasheet HTML 101Page - Dallas Semiconductor DS3134 Datasheet HTML 102Page - Dallas Semiconductor DS3134 Datasheet HTML 103Page - Dallas Semiconductor DS3134 Datasheet HTML 104Page - Dallas Semiconductor DS3134 Datasheet HTML 105Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 203 page
background image
DS3134
101 of 203
Receive DMA Operation Figure 8.1.1A
Free Data Buffer Address
00h
08h
10h
Free Queue Descriptors
(circular queue)
00h
04h
08h
Done Queue Descriptors
(circular queue)
Open Descriptor Space
Available for Use by the DMA
Data Buffer Address
Unused
Timestamp
CH #2
Status
0Ch
Free Data Buffer
(up to 8191 bytes)
Free Data Buffer
(up to 8191 bytes)
First Filled
Data Buffer
for Channel 2
Free Packet Descriptors & Data Buffers
Used Packet Descriptors & Data Buffers
Single Filled
Data Buffer
for Channel 5
Second Filled
Data Buffer
for Channel 2
Last Filled
Data Buffer
for Channel 2
Single Filled
Data Buffer
for Channel 9
dmarbd
unused
Free Desc. Ptr.
Free Desc. Ptr.
Free Desc. Ptr.
unused
unused
Free Data Buffer Address
Free Data Buffer Address
Open Descriptor Space
Available for Use by the DMA
# Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #5
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #2
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #2
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #9
Status # Bytes Next Desc. Ptr.
EOF Status CH #5
Desc. Ptr.
EOF Status CH #2
Desc. Ptr.
EOF Status CH #9
Desc. Ptr.
EOF Status CH #
Desc. Ptr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com