Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 22Page - Dallas Semiconductor DS3134 Datasheet HTML 23Page - Dallas Semiconductor DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor DS3134 Datasheet HTML 27Page - Dallas Semiconductor DS3134 Datasheet HTML 28Page - Dallas Semiconductor DS3134 Datasheet HTML 29Page - Dallas Semiconductor DS3134 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 203 page
background image
DS3134
26 of 203
Signal Name:
LRDY*
Signal Description:
Local Bus PCI Bridge Ready [PCI Bridge Mode Only]
Signal Type:
Input
This active low signal is sampled on the rising edge of LCLK to determine when a bus transaction is
complete. This signal is only examined when a bus transaction is taking place. This signal is ignored
when the Local Bus is in the Configuration Mode (LMS = 1) and should be tied high.
Signal Name:
LHLDA (LBG*)
Signal Description:
Local Bus Hold Acknowledge (Local Bus Grant) [PCI Bridge Mode Only]
Signal Type:
Input
This input signal is sampled on the rising edge of LCLK to determine when the device has been granted
access to the bus. In Intel Mode (LIM = 0) this is an active high signal and in Motorola Mode (LIM = 1)
this is an active low signal. This signal is ignored and should be tied high when the Local Bus is in the
Configuration Mode (LMS = 1). Also, in the PCI Bridge Mode (LMS = 0), this signal should be tied
deasserted when the Local Bus Arbitration is disabled via the Local Bus Bridge Mode Control Register.
Signal Name:
LHOLD (LBR*)
Signal Description:
Local Bus Hold (Local Bus Request) [PCI Bridge Mode Only]
Signal Type:
Output
This active low signal will be asserted when the Local Bus is attempting to take control of the bus. It will
be deasserted in the Intel Mode (LIM = 0) when the bus access is complete. It will be deasserted in the
Motorola Mode (LIM = 1) when the Local Bus Hold Acknowledge/Grant signal (LHLDA/LBG*) has
been detected. This signal is tri-stated when the Local Bus is in the Configuration Mode (LMS = 1) and
in the PCI Bridge Mode (LMS = 0) when the Local Bus Arbitration is disabled via the Local Bus Bridge
Mode Control Register.
Signal Name:
LBGACK*
Signal Description:
Local Bus Grant Acknowledge [PCI Bridge Mode Only]
Signal Type:
Output (tri-state capable)
This active low signal is asserted when the Local Bus Hold Acknowledge/Bus Grant signal
(LHLDA/LBG*) has been detected and it continues it's assertion for a programmable (32 to 1048576)
number of LCLKs based upon the Local Bus Arbitration Timer setting in the Local Bus Bridge Mode
Control Register (LBBMC) register. This signal is tri-stated when the Local Bus is in the Configuration
Mode (LMS = 1).
Signal Name:
LBHE*
Signal Description:
Local Bus Byte High Enable [PCI Bridge Mode Only]
Signal Type:
Output (tri-state capable)
This active low output signal is asserted when all 16-bits of the data bus (LD[15:0]) are active. It will
remain high if only the lower 8-bits (LD[7:0)] is active. If bus arbitration is enabled via the Local Bus
Arbitration (LARBE) control bit in the Local Bus Bridge Mode Control Register (LBBMC), then this
signal will be tri-stated when the Local Bus is not currently involved in a bus transaction and driven when
a bus transaction is active. When bus arbitration is disabled, this signal is always driven. This signal will
remain in tri-state when the Local Bus is not currently involved in a bus transaction and when the Local
Bus is in the Configuration Mode (LMS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com