Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 54 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 54 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 50Page - Dallas Semiconductor DS3134 Datasheet HTML 51Page - Dallas Semiconductor DS3134 Datasheet HTML 52Page - Dallas Semiconductor DS3134 Datasheet HTML 53Page - Dallas Semiconductor DS3134 Datasheet HTML 54Page - Dallas Semiconductor DS3134 Datasheet HTML 55Page - Dallas Semiconductor DS3134 Datasheet HTML 56Page - Dallas Semiconductor DS3134 Datasheet HTML 57Page - Dallas Semiconductor DS3134 Datasheet HTML 58Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 203 page
background image
DS3134
54 of 203
LAYER ONE BLOCK DIAGRAM Figure 5.1A
RS
RC
RD
SLOW
HDLC
(One
per
Port)
FAST
HDLC
Layer One
State Machine
Receive
Transmit
Channel-
ized
Local
Loop-
Back
(CLLB)
Channel-
ized
Network
Loop-
Back
(CNLB)
V.54
Detector
PORT
RAM
(see
Sec.
5.3)
Invert
Clock /
Data /
Sync
Local
Loop-
Back
(LLB)
Invert
Clock /
Data /
Sync
Force
All
Ones
TC
TD
TS
Over-
Sample
with
PCLK
Un-
Channel-
ized
Network
Loopback
(UNLB)
Over-
Sample
with
PCLK
BERT/
Fast
HDLC
Mux
BERT Mux
(see Figure 5.5A)
1 of 16
LLB
UNLB
Port
0 & 1
Only
To /
From
FIFO
Block
l1_bd
Ports 0 & 1 Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com