Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 43Page - Dallas Semiconductor DS3134 Datasheet HTML 44Page - Dallas Semiconductor DS3134 Datasheet HTML 45Page - Dallas Semiconductor DS3134 Datasheet HTML 46Page - Dallas Semiconductor DS3134 Datasheet HTML 47Page - Dallas Semiconductor DS3134 Datasheet HTML 48Page - Dallas Semiconductor DS3134 Datasheet HTML 49Page - Dallas Semiconductor DS3134 Datasheet HTML 50Page - Dallas Semiconductor DS3134 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 203 page
background image
DS3134
47 of 203
Register Name:
ISV54
Register Description: Interrupt Mask Register for SV54
Register Address:
0034h
76
5432
10
SLBP7
SLBP6
SLBP5
SLBP4
SLBP3
SLBP2
SLBP1
SLBP0
15
14
13
12
11
10
9
8
SLBP15
SLBP14
SLBP13
SLBP12
SLBP11
SLBP10
SLBP9
SLBP8
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 15 / Status Bit for Change of State in Receive V.54 Loopback Detector (SLBP0 to
SLBP15).
0 = interrupt masked
1 = interrupt unmasked
Register Name:
SDMA
Register Description: Status Register for DMA
Register Address:
0028h
76
5432
10
RLBRE
RLBR
ROVFL
RLENC
RABRT
RCRCE
n/a
n/a
15
14
13
12
11
10
9
8
TDQWE
TDQW
TPQR
TUDFL
RDQWE
RDQW
RSBRE
RSBR
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 2 / Status Bit for Receive HDLC CRC Error (RCRCE). This status bit will be set to a one if any
of the receive HDLC channels experiences a CRC check sum error. The RCRCE bit will be cleared when
read and will not be set again until another CRC check sum error has occurred. If enabled via the RCRCE
bit in the Interrupt Mask for SDMA (ISDMA), the setting of this bit will cause a hardware interrupt at the
PCI Bus via the PINTA* signal pin and also at the LINT* if the Local Bus is in the Configuration Mode.
Bit 3 / Status Bit for Receive HDLC Abort Detected (RABRT). This status bit will be set to a one if
any of the receive HDLC channels detects an abort. The RABRT bit will be cleared when read and will
not be set again until another abort has been detected. If enabled via the RABRT bit in the Interrupt Mask
for SDMA (ISDMA), the setting of this bit will cause a hardware interrupt at the PCI Bus via the PINTA*
signal pin and also at the LINT* if the Local Bus is in the Configuration Mode.
Bit 4 / Status Bit for Receive HDLC Length Check (RLENC). This status bit will be set to a one if
any of the HDLC channels:
- Exceeds the octet length count (if so enabled to check for octet length)
- Receives a HDLC packet that does not meet the minimum length criteria of either 4 or 6 bytes
- Experiences a non-integral number of octets in between opening and closing flags.
The RLENC bit will be cleared when read and will not be set again until another length violation has
occurred. If enabled via the RLENC bit in the Interrupt Mask for SDMA (ISDMA), the setting of this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com