Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 29Page - Dallas Semiconductor DS3134 Datasheet HTML 30Page - Dallas Semiconductor DS3134 Datasheet HTML 31Page - Dallas Semiconductor DS3134 Datasheet HTML 32Page - Dallas Semiconductor DS3134 Datasheet HTML 33Page - Dallas Semiconductor DS3134 Datasheet HTML 34Page - Dallas Semiconductor DS3134 Datasheet HTML 35Page - Dallas Semiconductor DS3134 Datasheet HTML 36Page - Dallas Semiconductor DS3134 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 203 page
background image
DS3134
33 of 203
SECTION 3: MEMORY MAP
3.0 INTRODUCTION
All addresses within the memory map on dword boundaries even though all of the internal device
configuration registers are only one word (16 bits) wide. The memory map consumes an address range of
4 kB (12 bits). When the PCI Bus is the Host (i.e. the Local Bus is in the Bridge Mode), the actual 32-bit
PCI Bus addresses of the internal device configuration registers is obtained by adding the DC Base
Address value in the PCI Device Configuration Memory Base Address Register (see Section 9.2 for
details) to the offset listed in Sections 3.1 to 3.11. When an external host is configuring the device via the
Local Bus (i.e. the Local Bus is in the Configuration Mode), the offset is 0h and the Host on the Local
Bus will use the 16-bit addresses listed in Sections 3.1 to 3.11.
MEMORY MAP ORGANIZATION Table 3.0A
Section
Register Name
PCI Host
[offset from DC Base]
Local Bus Host
(16-bit address)
3.1
General Configuration Registers
(0x000)
(00xx)
3.2
Receive Port Registers
(0x1xx)
(01xx)
3.3
Transmit Port Registers
(0x2xx)
(02xx)
3.4
Channelized Port Registers
(0x3xx)
(03xx)
3.5
HDLC Registers
(0x4xx)
(04xx)
3.6
BERT Registers
(0x5xx)
(05xx)
3.7
Receive DMA Registers
(0x7xx)
(07xx)
3.8
Transmit DMA Registers
(0x8xx)
(08xx)
3.9
FIFO Registers
(0x9xx)
(09xx)
3.10
PCI Configuration Registers for Function 0
(PIDSEL)
(0Axx)
3.11
PCI Configuration Registers for Function 1
(PIDSEL)
(0Bxx)
3.1 GENERAL CONFIGURATION REGISTERS (0XX)
Offset/
Address
Acronym
Register Name
Section
0000
MRID
Master Reset & ID Register.
4.1
0010
MC
Master Configuration.
4.2
0020
SM
Master Status Register.
4.3.2
0024
ISM
Interrupt Mask Register for SM.
4.3.2
0028
SDMA
Status Register for DMA.
4.3.2
002C
ISDMA
Interrupt Mask Register for SDMA.
4.3.2
0030
SV54
Status Register for V.54 Loopback Detector.
4.3.2
0034
ISV54
Interrupt Mask Register for SV54.
4.3.2
0040
LBBMC
Local Bus Bridge Mode Control Register.
10.2
0050
TEST
Test Register.
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com