Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 74 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 74 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor DS3134 Datasheet HTML 73Page - Dallas Semiconductor DS3134 Datasheet HTML 74Page - Dallas Semiconductor DS3134 Datasheet HTML 75Page - Dallas Semiconductor DS3134 Datasheet HTML 76Page - Dallas Semiconductor DS3134 Datasheet HTML 77Page - Dallas Semiconductor DS3134 Datasheet HTML 78Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 203 page
background image
DS3134
74 of 203
Bit 4 / Single Bit Error Insert (SBE). A low to high transition will create a single bit error. Must be
cleared and set again for a subsequent bit error to be inserted.
Bit 5 / Error Insert Bit 0 (EIB0).
Bit 6 / Error Insert Bit 1 (EIB1).
Bit 7 / Error Insert Bit 2 (EIB2).
Will automatically insert bit errors at the prescribed rate into the generated data pattern. Useful for
verifying error detection operation.
EIB
2
EIB
1
EIB
0
Error Rate Inserted
0
0
0
no errors automatically inserted
00110E-1
01010E-2
01110E-3
10010E-4
10110E-5
11010E-6
11110E-7
Bits 8 to 15 / Alternating Word Count Rate. When the BERT is programmed in the alternating word
mode, the words will repeat for the count loaded into this register then flip to the other word and again
repeat for the number of times loaded into this register. The valid count range is from 05h to FFh.
Register Name:
BERTRP0
Register Description: BERT Repetitive Pattern Set 0
Register Address:
0508h
Register Name:
BERTRP1
Register Description: BERT Repetitive Pattern Set 1
Register Address:
050Ch
BERTRP0: BERT Repetitive Pattern Set 0 (lower word)
76
5432
10
BERT Repetitive Pattern Set (lower byte)
15
14
13
12
11
10
9
8
BERT Repetitive Pattern Set
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com