Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 38Page - Dallas Semiconductor DS3134 Datasheet HTML 39Page - Dallas Semiconductor DS3134 Datasheet HTML 40Page - Dallas Semiconductor DS3134 Datasheet HTML 41Page - Dallas Semiconductor DS3134 Datasheet HTML 42Page - Dallas Semiconductor DS3134 Datasheet HTML 43Page - Dallas Semiconductor DS3134 Datasheet HTML 44Page - Dallas Semiconductor DS3134 Datasheet HTML 45Page - Dallas Semiconductor DS3134 Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 203 page
background image
DS3134
42 of 203
SM Register
The Status Master (SM) register reports events that occur at the Port Interface, at the BERT receiver, at
the PCI Bus and at the Local Bus. See Figure 4.3.1A for details.
The Port Interface reports Change Of Frame Alignment (COFA) events. If the software detects that one
of these bits as being set, the software must then begin polling the RP[n]CR or TP[n]CR registers of each
active port (a maximum of 16 reads) to determine which port or ports has incurred a COFA. Also via the
Interrupt Enable for Receive COFA (IERC) and Interrupt Enable for Transmit COFA (IETC) control bits
in the RP[n]CR and TP[n]CR registers respectively, the Host can allow/deny the COFA indications to be
passed on to the SRCOFA and STCOFA status bits.
The BERT receiver will report three events, a change in the receive synchronizer status, a bit error being
detected, and if either the Bit Counter or the Error Counter overflows. Each of these events can be
masked within the BERT function via the BERT Control Register (BERTC0). If the software detects that
the BERT has reported an event has occurred, then the software must read the BERT Status Register
(BERTEC0) to determine which event(s) has occurred.
The SM register also reports events as they occur in the PCI Bus and the Local Bus. There are no control
bits to stop these events from being reported in the SM register. When the Local Bus is operated in the
PCI Bridge Mode, SM reports any interrupts detected via the Local Bus LINT* input signal pin and if any
timing errors occur because of the use of the external timing signal LRDY*. When the Local Bus is
operated in the Configuration Mode, the LBINT and LBE bits are meaningless and should be ignored.
SV54 Register
The Status for Receive V.54 Detector (SV54) register reports if the V.54 loopback detector has either
timed out in its search for the V.54 loop up pattern or if the detector has found and verified the loop
up/down pattern. There is a separate status bit (SLBP) for each port. When set, the Host must read the
VTO and VLB status bits in the RP[n]CR register of the corresponding port to find the exact state of the
V.54 detector. When the V.54 detector experiences a time out in it's search for the loop up code (VTO =
1), then the SLBP status bit will be continuously set until the V.54 detector is reset by the Host toggling
the VRST bit in RP[n]CR register. There are no control bits to stop these events from being reported in
the SV54 register. See Figure 4.3.1A for details on the status bits and Section 5 for details on the
operation of the V.54 loopback detector.
SDMA Register
The Status for DMA (SDMA) register reports events that occur regarding the Receive and Transmit DMA
blocks as well as the receive HDLC controller and FIFO. The SDMA will report when the DMA reads
from either the Receive Free Queue or Transmit Pending Queue or writes to the Receive or Transmit
Done Queues. Also reported are error conditions that might occur in the access of one of these queues.
The SDMA will report if any of the HDLC channels experiences a FIFO overflow/underflow condition
and if the receive HDLC controller encounters a CRC error, abort signal, or octet length problem on any
of the HDLC channels.
The Host can determine which specific HDLC channel incurred a FIFO
overflow/underflow, CRC error, octet length error or abort by reading the status bits as reported in Done
Queues which are created by the DMA. There are no control bits to stop these events from being reported
in the SDMA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com