Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 33Page - Dallas Semiconductor DS3134 Datasheet HTML 34Page - Dallas Semiconductor DS3134 Datasheet HTML 35Page - Dallas Semiconductor DS3134 Datasheet HTML 36Page - Dallas Semiconductor DS3134 Datasheet HTML 37Page - Dallas Semiconductor DS3134 Datasheet HTML 38Page - Dallas Semiconductor DS3134 Datasheet HTML 39Page - Dallas Semiconductor DS3134 Datasheet HTML 40Page - Dallas Semiconductor DS3134 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 203 page
background image
DS3134
37 of 203
3.8 TRANSMIT DMA REGISTERS (8XX)
Offset/
Address
Acronym
Register Name
Section
0800
TPQBA0
Transmit Pending Queue Base Address 0 (lower word).
8.2.3
0804
TPQBA1
Transmit Pending Queue Base Address 1 (upper word).
8.2.3
0808
TPQEA
Transmit Pending Queue End Address.
8.2.3
080C
TPQWP
Transmit Pending Queue Host Write Pointer.
8.2.3
0810
TPQRP
Transmit Pending Queue DMA Read Pointer.
8.2.3
0830
TDQBA0
Transmit Done Queue Base Address 0 (lower word).
8.2.4
0834
TDQBA1
Transmit Done Queue Base Address 1 (upper word).
8.2.4
0838
TDQEA
Transmit Done Queue End Address.
8.2.4
083C
TDQRP
Transmit Done Queue Host Read Pointer.
8.2.4
0840
TDQWP
Transmit Done Queue DMA Write Pointer.
8.2.4
0844
TDQFFT
Transmit Done Queue FIFO Flush Timer.
8.2.4
0850
TDBA0
Transmit Descriptor Base Address 0 (lower word).
8.2.2
0854
TDBA1
Transmit Descriptor Base Address 1 (upper word).
8.2.2
0870
TDMACIS
Transmit DMA Configuration Indirect Select.
8.2.5
0874
TDMAC
Transmit DMA Configuration.
8.2.5
0880
TDMAQ
Transmit DMA Queues Control.
8.2.3/.4
3.9 FIFO REGISTERS (9XX)
Offset/
Address
Acronym
Register Name
Section
0900
RFSBPIS
Receive FIFO Starting Block Pointer Indirect Select.
7.2
0904
RFSBP
Receive FIFO Starting Block Pointer.
7.2
0910
RFBPIS
Receive FIFO Block Pointer Indirect Select.
7.2
0914
RFBP
Receive FIFO Block Pointer.
7.2
0920
RFHWMIS
Receive FIFO High Water Mark Indirect Select.
7.2
0924
RFHWM
Receive FIFO High Water Mark.
7.2
0980
TFSBPIS
Transmit FIFO Starting Block Pointer Indirect Select.
7.2
0984
TFSBP
Transmit FIFO Starting Block Pointer.
7.2
0990
TFBPIS
Transmit FIFO Block Pointer Indirect Select.
7.2
0994
TFBP
Transmit FIFO Block Pointer.
7.2
09A0
TFLWMIS
Transmit FIFO Low Water Mark Indirect Select.
7.2
09A4
TFLWM
Transmit FIFO Low Water Mark.
7.2
3.10 PCI CONFIGURATION REGISTERS FOR FUNCTION 0 (PIDSEL/AXX)
Offset/
Address
Acronym
Register Name
Section
0x000/0A00
PVID0
PCI Vendor ID / Device ID 0.
9.2
0x004/0A04
PCMD0
PCI Command Status 0.
9.2
0x008/0A08
PRCC0
PCI Revision ID / Class Code 0.
9.2
0x00C/0A0C
PLTH0
PCI Cache Line Size / Latency Timer / Header Type 0.
9.2
0x010/0A10
PDCM
PCI Device Configuration Memory Base Address.
9.2
0x03C/0A3C
PINTL0
PCI Interrupt Line & Pin / Min. Grant / Max. Latency 0.
9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com