Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 48Page - Dallas Semiconductor DS3134 Datasheet HTML 49Page - Dallas Semiconductor DS3134 Datasheet HTML 50Page - Dallas Semiconductor DS3134 Datasheet HTML 51Page - Dallas Semiconductor DS3134 Datasheet HTML 52Page - Dallas Semiconductor DS3134 Datasheet HTML 53Page - Dallas Semiconductor DS3134 Datasheet HTML 54Page - Dallas Semiconductor DS3134 Datasheet HTML 55Page - Dallas Semiconductor DS3134 Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 203 page
background image
DS3134
52 of 203
SECTION 5: LAYER ONE
5.1 GENERAL DESCRIPTION
The Layer One Block is shown in Figure 5.1A. Each of the 16 Layer One ports on the DS3134 can be
configured to support either a channelized application or an unchannelized application. Users can mix the
applications on the ports as needed. Some or all of the ports can be channelized while the others can be
configured as unchannelized.
A channelized application is defined as one that requires a 8 kHz
synchronization pulse to subdivide the serial data stream into a set of 8-bit DS0 channels (also called
timeslots) which are Time Division Multiplexed (TDM) one after another.
Ports running a channelized
application require an 8 kHz pulse at the RS and TS signals. An unchannelized application is defined as a
synchronous clock and data interface. No synchronization pulse is required and the RS and TS signals are
forced low in this application. Section 14 contains examples of some various configurations.
In channelized applications, the Layer One ports can be configured to operate in one of four modes as
shown in Table 5.1A below. Each port is capable of handling one, two, or four T1/E1 data streams.
When more than one T1/E1 data stream is applied to the port, the individual T1/E1 data streams must be
TDM into a single data stream at either a 4.096 MHz or 8.192 MHz data rate. Since the DS3134 can map
any HDLC channel to any DS0 channel, it can support any form (byte interleaved, frame interleaved, etc.)
of TDM that the application may require. On a DS0 by DS0 basis, the DS3134 can be configured to
process all 8 bits (64 kbps), the seven most significant bits (56 kbps), or no data.
CHANNELIZED PORT MODES Table 5.1A
Mode
Description
T1 (1.544 MHz)
N x 64 kbps or N x 56 kbps; where N = 1 to 24 (one T1 data stream)
E1 (2.048 MHz)
N x 64 kbps or N x 56 kbps; where N = 1 to 32 (one T1 or E1 data stream)
4.096 MHz
N x 64 kbps or N x 56 kbps; where N = 1 to 64 (two T1 or E1 data streams)
8.192 MHz
N x 64 kbps or N x 56 kbps; where N = 1 to 128. (four T1 or E1 data streams)
Each port in the Layer One Block is connected to a Slow HDLC Engine. The Slow HDLC Engine is
capable of handling channelized applications at speeds up to 8.192 Mbps and unchannelized applications
at speeds of up to 10 Mbps. Ports 0 and 1 have the added capability of Fast HDLC Engines that are
capable of only handling unchannelized applications but at speeds of up to 52 MHz.
Each port has an associated Receive Port Control Register (RP[n]CR where n = 0 to 15) and a Transmit
Port Control Register (TP[n]CR where n = 0 to 15). These control registers are defined in detail in
Section 5.2 and they control all of the circuitry in the Layer One Block with the exception of the Layer
One State Machine which is shown in the center of the Block Diagram in Figure 5.1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com