Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 14Page - Dallas Semiconductor DS3134 Datasheet HTML 15Page - Dallas Semiconductor DS3134 Datasheet HTML 16Page - Dallas Semiconductor DS3134 Datasheet HTML 17Page - Dallas Semiconductor DS3134 Datasheet HTML 18Page - Dallas Semiconductor DS3134 Datasheet HTML 19Page - Dallas Semiconductor DS3134 Datasheet HTML 20Page - Dallas Semiconductor DS3134 Datasheet HTML 21Page - Dallas Semiconductor DS3134 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 203 page
background image
DS3134
18 of 203
Lead
Symbol
Type
Signal Description
V17
PAD0
I/O
PCI Multiplexed Address & Data Bit 0.
U16
PAD1
I/O
PCI Multiplexed Address & Data Bit 1.
Y18
PAD2
I/O
PCI Multiplexed Address & Data Bit 2.
W17
PAD3
I/O
PCI Multiplexed Address & Data Bit 3.
V16
PAD4
I/O
PCI Multiplexed Address & Data Bit 4.
Y17
PAD5
I/O
PCI Multiplexed Address & Data Bit 5.
W16
PAD6
I/O
PCI Multiplexed Address & Data Bit 6.
V15
PAD7
I/O
PCI Multiplexed Address & Data Bit 7.
W15
PAD8
I/O
PCI Multiplexed Address & Data Bit 8.
V14
PAD9
I/O
PCI Multiplexed Address & Data Bit 9.
Y15
PAD10
I/O
PCI Multiplexed Address & Data Bit 10.
W14
PAD11
I/O
PCI Multiplexed Address & Data Bit 11.
Y14
PAD12
I/O
PCI Multiplexed Address & Data Bit 12.
V13
PAD13
I/O
PCI Multiplexed Address & Data Bit 13.
W13
PAD14
I/O
PCI Multiplexed Address & Data Bit 14.
Y13
PAD15
I/O
PCI Multiplexed Address & Data Bit 15.
V9
PAD16
I/O
PCI Multiplexed Address & Data Bit 16.
U9
PAD17
I/O
PCI Multiplexed Address & Data Bit 17.
Y8
PAD18
I/O
PCI Multiplexed Address & Data Bit 18.
W8
PAD19
I/O
PCI Multiplexed Address & Data Bit 19.
V8
PAD20
I/O
PCI Multiplexed Address & Data Bit 20.
Y7
PAD21
I/O
PCI Multiplexed Address & Data Bit 21.
W7
PAD22
I/O
PCI Multiplexed Address & Data Bit 22.
V7
PAD23
I/O
PCI Multiplexed Address & Data Bit 23.
U7
PAD24
I/O
PCI Multiplexed Address & Data Bit 24.
V6
PAD25
I/O
PCI Multiplexed Address & Data Bit 25.
Y5
PAD26
I/O
PCI Multiplexed Address & Data Bit 26.
W5
PAD27
I/O
PCI Multiplexed Address & Data Bit 27.
V5
PAD28
I/O
PCI Multiplexed Address & Data Bit 28.
Y4
PAD29
I/O
PCI Multiplexed Address & Data Bit 29.
Y3
PAD30
I/O
PCI Multiplexed Address & Data Bit 30.
U5
PAD31
I/O
PCI Multiplexed Address & Data Bit 31.
Y16
PCBE0*
I/O
PCI Bus Command / Byte Enable Bit 0.
V12
PCBE1*
I/O
PCI Bus Command / Byte Enable Bit 1.
Y9
PCBE2*
I/O
PCI Bus Command / Byte Enable Bit 2.
W6
PCBE3*
I/O
PCI Bus Command / Byte Enable Bit 3.
Y2
PCLK
I
PCI & System Clock. A 25MHz to 33 MHz clock is applied
here.
Y11
PDEVSEL*
I/O
PCI Device Select.
W10
PFRAME*
I/O
PCI Cycle Frame.
W4
PGNT*
I
PCI Bus Grant.
Y6
PIDSEL
I
PCI Initialization Device Select.
W18
PINT*
O
PCI Interrupt.
V10
PIRDY*
I/O
PCI Initiator Ready.
W12
PPAR
I/O
PCI Bus Parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com